Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 114 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 114 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 166 page
background image
Datasheet
114 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.6
Configuration register 4 (CFR4x) (x1)
Configuration Register 4 controls the main flash array read transactions burst wrap behavior and output driver
impedance.
Table 100
Configuration register 4 (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR4N[7:5]
CFR4V[7:5]
IOIMPD[2:0]
I/O Driver Output
Impedance selection
N -> R/W
V -> R/W
101
Description: The IOIMPD[2:0] bits select the IO driver
output impedance (drive strength). The output
impedance configuration bits adjust the drive strength
during normal device operation to meet system signal
integrity requirements.
Selection Options:
000 = 45Ω
001 = 120Ω
010 = 90Ω
011 = 60Ω
100 = 45Ω
101 = 30Ω (Factory Default)
110 = 20Ω
111 = 15Ω
Dependency: N/A
CFR4N[4]
CFR4V[4]
RBSTWP
Read Burst Wrap Enable
selection
N -> R/W
V -> R/W
0
Description: The RBSTWP bit selects the read burst wrap
feature. It allows the device to enter and exit burst
wrapped read mode during normal operation. The wrap
length is selected by RBSTWL[1:0] bits.
Selection Options:
0 = Read Wrapped Burst disabled
1 = Read Wrapped Burst enabled
Dependency: RBSTWL[1:0] (CFR4x[1:0])
CFR4N[3]
CFR4V[3]
ECC12S
Error Correction Code
(ECC) 1-bit or 1-bit/2-bit
error correction
selection
N -> R/W
V -> R/W
1
Description: The ECC12S bit selects between 1-bit ECC
error detection/correction or both 1-bit ECC error
detection and correction and 2-bit ECC error detection.
This configuration option affects Address Trap Register
and ECC Counter Register functionalities as well. The
host needs to erase and reprogram the data in the
SEMPER™ Flash memory upon ECC configuration
change (1-bit correction to 1-bit correction and 2-bit
detection or vice versa).
Selection Options:
0 = 1-bit ECC Error Detection/Correction
1 = 1-bit ECC Error Detection/Correction and 2-bit ECC
error detection
Dependency: N/A
CFR4N[2]
CFR4V[2]
DPDPOR
Deep Power Down
power saving mode
entry selection upon
POR
N -> R/W
V -> R
0
Description: The DPDPOR bit selects if the device will be
in either Deep Power Down (DPD) mode or the Standby
mode after the completion of POR. If enabled, DPDPOR
configures the device to start in DPD mode to reduce
current consumption until the device is needed. If the
device is in DPD, a pulse on CS# or a Hardware reset will
return the device to Standby mode.
Selection Options:
0 = Standby mode is entered upon the completion of
POR
1 = Deep Power Down Power mode is entered upon the
completion of POR
Dependency: N/A
CFR4N[1:0]
CFR4V[1:0]
RBSTWL[1:0]
ReadBurst WrapLength
selection
N -> R/W
V -> R/W
00
Description: The RBSTWL[1:0] bits select the read burst
wrap length and alignment during normal operation. It
selects the fixed length/aligned group of 8-, 16-, 32-, or
64-bytes.
Selection Options:
00 = 8 Bytes Wrap length
01 = 16 Bytes Wrap length
10 = 32 Bytes Wrap length
11 = 64 Bytes Wrap length
Dependency: RBSTWP (CFR4x[4])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com