Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 166 page
background image
Datasheet
117 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.11
ECC address trap register (EATV) (x1)
The ECC Address Trap Register (EATV) stores the address of the ECC unit data where either a 1-Bit/2-Bit error or
only a 1-Bit error occurred during a read operation. It stores the ECC unit address of the first ECC error captured
during a memory read operation since the last Clear ECC transaction.
5.3.12
ECC error detection count register (ECTV) (x1)
The ECC Error Detection Counter Register (ECTV) stores the number of either 1-Bit/2-Bit or only 1-Bit ECC errors
have occurred during read operations since the last POR or hardware/software reset.
5.3.13
Advanced sector protection register (ASPO) (x1)
The ASP Register (ASPO) configures the behavior of Advanced Sector Protection scheme.
Table 106
ECC address trap register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
EATV[31:0]
ECCATP[31:0]
ECC 1-bit and 2-bit Error
Address Trap Register
V -> R
0x00000000
Description: The Address Trap Register (ECCATP[31:0])
stores the ECC unit data address where a 1-Bit/2-Bit
error occurred during a read operation. ECCATP[31:0]
stores the ECC unit address of the first ECC error
captured during a memory read operation since the
last Clear ECC Status Register transaction
(CLECC_0_0).
Note ECCATP[31:0] is only updated during Read
Instruction.
Note Clear ECC Status Register transaction
(CLECC_0_0), POR or Hardware/Software reset clears
the EATV[31:0] to 0x00000000.
Selection Options: ECC Error Data Unit Address
Dependency: N/A
Table 107
ECC count register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
ECTV[15:0]
ECCCNT[15:0]
ECC 1-bit and 2-bit Error
Count Register
V -> R
0x0000
Description: The ECCCNT[15:0] stores the number of
1-bit/2-bit ECC errors occurred during read operations
since the last POR or hardware/software reset.
Note ECCCNT[15:0] is only updated during Read
Instruction.
Note Only one ECC error is counted for each data unit.
If multiple read transactions access the same unit data
containing an ECC error, the ECCCNT[15:0] will
increment each time the unit data is read.
Note Once the count reaches 0xFFFF, the ECCCNT[15:0]
will stop incrementing
Note POR or Hardware/Software reset clears the
ECCNT[15:0] to 0x0000.
Selection Options: ECC Error Count
Dependency: N/A
Table 108
Advanced sector protection register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
ASPO[15:6]
RESRVD
Reserved for Future Use
N => R/1
1111111111 This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ASPO[5]
ASPRDP
Read Password Based
Protection Selection
N => R/1
1
Description: The ASPRDP bit selects the Read Password
Mode Protection mode. Read Password Protection mode
works in conjunction with Password Protection mode to
protect all sectors from Read/Erase/Program. Based on
TBPROT configuration bit (CFR1x[5]), either the top or
bottom sector is available for reading.
Selection Options:
0 = Read Password Protection Mode is enabled
1 = Read Password Protection Mode is disabled
Dependency: TBPROT (CFR1x[5])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com