Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 166 page
background image
Datasheet
121 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.19
Sector erase count register (SECV) (x1)
The Sector Erase Count Register (SECV) contains the number of times the addressed sector has been erased.
5.3.20
InfineonEndurance Flex architecture selection register (EFXx) (x1)
The InfineonEndurance Flex architecture selection registers (EFXx) define the long retention / high
endurance regions based on a four pointer based architecture.
Table 114
Sector erase count register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
SECV[23]
SECCPT
Sector Erase Count
Corruption Status Flag
V -> R
0x0
Description: The SECCPT bit is used to determine if the
reported sector erase count is corrupted and was reset.
Note If SECCPT is set due to count corruption, it will
reset to 0 on the next successful erase operation on the
selected sector.
Selection Options:
0 = Sector Erase Count is not corrupted and is valid
1 = Sector Erase Count is corrupted and is not valid
Dependency: N/A
SECV[22:0]
SECVAL[22:0] Sector Erase Count Value
V -> R
0x000000
Description: The SECVAL[22:0] bits store the number of
times a sector has been erased
Selection Options: Value
Dependency: N/A
Table 115
InfineonEndurance Flex architecture selection register (Pointer 4) (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX4O[10:2]
EPTAD4[8:0]
EnduraFlex Pointer 4
Address Selection
N => R/1
111111111
Description: The EPTAD4[8:0] bits define the 9-bit address
of the beginning sector from where the long retention /
high endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX4O[1]
ERGNT4
EnduraFlex Pointer 4
based Region Type
Selection
N => R/1
1
Description: The ERGNT4 bit defines whether the region is
long retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX4O[0]
EPTEB4
EnduraFlex Pointer 4
Enable# Selection
N => R/1
1
Description: The EPTEN4 bit define whether the wear
leveling pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com