Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 166 page
background image
Datasheet
123 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
Table 118
InfineonEndurance Flex architecture selection register (Pointer 1) (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX1O[10:2]
EPTAD1[8:0]
EnduraFlex Pointer 1
Address Selection
N => R/1
111111111
Description: The EPTAD1[8:0] bits define the 9-bit
address of the beginning sector from where the long
retention / high endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX1O[1]
ERGNT1
EnduraFlex Pointer 1
based Region Type
Selection
N => R/1
1
Description: The ERGNT1 bit defines whether the region
is long retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX1O[0]
EPTEB1
EnduraFlex Pointer 1
Enable# Selection
N => R/1
1
Description: The EPTEN1 bit define whether the wear
leveling pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A
Table 119
InfineonEndurance Flex architecture selection register (Pointer 0) (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX0O[1]
GBLSEL
All Sectors based
Region type Selection
N => R/1
1
Description: The GBLSEL bit defines whether all sectors
are defined as long retention region or high endurance
region.
Note If all other Pointer registers are disabled, this bit
defines the behavior of the entire memory space and is
hardwired to start at Sector 0.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX0O[0]
WRLVEN
Wear Leveling Enable
Selection
N => R/1
1
Description: The WRLVEN bit enables/disables the wear
leveling feature.
Selection Options:
0 = Wear Leveling Disabled
1 = Wear Leveling Enabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com