Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 166 page
background image
Datasheet
125 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Transaction table
RSERSE_1_0
Resume Erase transaction allows the system to resume an erase operation.
1
SPPROG_1_0
Suspend Program transaction allows the system to interrupt a program operation.
1
RSPROG_1_0
Resume Program transaction allows the system to resume a program operation.
1
IDSFE1_3_1
ASO
Device ID
Unique ID
SFDP
ID/Unique ID/SFDP ASO Entry 1 transaction allows reading Device ID, Unique ID
and SFDP parameters. This entry transaction uses the Sector Address (SA) in the
command to determine which sector will be overlaid.
3
IDSFE2_1_1
ID/Unique ID/SFDP ASO Entry 2 transaction allows reading Device ID, Unique ID
and SFDP parameters. This entry transaction uses the Sector Address (SA) in the
command to determine which sector will be overlaid.
1
RDIDSF_1_1
Read ID/Unique ID/SFDP transaction allows reading the Device ID, Unique ID and
SFDP parameters at the given address and places it on DQ[7:0].
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
SSRENT_3_1
ASO SSR
SSR ASO Entry transaction allows accessing the SSR. This entry transaction uses
the Sector Address (SA) in the command to determine which sector will be overlaid.
3
RD_SSR_1_1
Read SSR transaction allows reading the SSR data at the given address and places
it on DQ[7:0].
1
PG_SSR_4_1
Program SSR Word transaction programs the data word (0's) supplied on DQ[7:0]
in the addressed SSR.
4
LDBSSR_5_1
Load SSR Buffer transaction loads up to 256/512 bytes of data (0's) supplied on
DQ[7:0] in the write buffer.
5
PGCSSR_1_1
Program SSR Buffer Confirm transaction tells the device to program the data
loaded into the write buffer into the addressed SSR.
1
RSWSSR_3_1
Reset Write to Buffer Abort transaction resets the Write Buffer Abort Status Flag
(WRBFAB - STRV[3]) in the Status Register.
3
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
ASPENT_3_1
ASO
Advanced Sector
Protection
Advanced Sector Protection ASO Entry transaction allows accessing the
Advanced Sector Protection Configuration Register. This entry transaction does not
use a sector address from the entry transaction to overlay. The ASP Configuration
Register appears at word location 0 in the device address space.
3
PGOASP_2_1
Program One-Time-Programmable Advanced Sector Protection Register trans-
action programs the 16-bit OTP ASP Configuration Register with data placed on
DQ[7:0].
2
RDOASP_1_1
Read One-Time-Programmable Advanced Sector Protection Register trans-
action allows reading the contents of the 16-bit OTP ASP Configuration Register
using device address 0 and places it on DQ[7:0].
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
PWDENT_3_1
ASO Password
Password ASO Entry transaction allows accessing the 64-bit password. This entry
transaction does not use a sector address from the entry transaction to overlay. The
Password appears at word locations 0 to 3 in the device address space.
3
PGNPWD_2_1
Program Nonvolatile Password transaction programs the 64-bit Password with
data placed on DQ[7:0].
2
RDNPWD_1_1
Read Nonvolatile Password transaction allows reading the contents of the 64-bit
Password using device address 0 to 3 and places it on DQ[7:0].
1
ULNPWD_7_1
Unlock Nonvolatile Password transaction allows entering the 64-bit Password on
DQ[7:0] to unlock the device for access.
7
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
Table 120
HYPERBUS™ transaction description (Continued)
Transaction name
Description
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com