Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 166 page
background image
Datasheet
128 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Transaction table
SECTEN_3_1
ASO Sector Erase
Count
Sector Erase Count Volatile Register ASO Entry transaction allows accessing the
Sector Erase Count Register. This entry transaction does not use a sector address
from the entry transaction.
3
LDSRAD_2_1
Load Sector Address transaction loads the sector address whose erase count is
desired.
2
RDSECV_1_0
Read Volatile Sector Erase Count Register transaction allows reading the
contents of the 16-bit Volatile Sector Erase Count Register and places it on DQ[7:0].
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
ENX_EN_3_1
ASO EnduraFlex
EnduraFlex Pointer Selection (Partitions) One-Time_Programmable Register
ASO Entry transaction allows accessing the EnduraFlex Pointer registers. This entry
transaction does not use a sector address from the entry transaction.
3
PGOENX_2_1
Program One-Time-Programmable EnduraFlex Registers [4:0] transaction
programs the One-Time-Programmable EnduraFlex registers [3:0] with data placed
on DQ[7:0]. Addresses 0x00, 0x01, 0x02, 0x03, 0x04 define the four EnduraFlex
Register values.
2
RDOENX_1_1
Read One-Time-Programmable EnduraFlex Registers [4:0] transaction reads the
One-Time-Programmable EnduraFlex registers [3:0] and places it on DQ[7:0].
Addresses 0x00, 0x01, 0x02, 0x03, 0x04 define the four EnduraFlex Register values.
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
Table 120
HYPERBUS™ transaction description (Continued)
Transaction name
Description
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com