Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 166 page
background image
Datasheet
124 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Transaction table
6Transaction table
6.1
HYPERBUS™ transaction table
Table 120
HYPERBUS™ transaction description
Transaction name
Description
Cycles
RDMARY_1_0
Read transaction allows reading out the memory array data at the given address and places it on DQ[7:0].
1
ENSPIM_3_0
Enter SPI transaction changes the device interface from HYPERBUS™ to Legacy (x1) SPI.
3
SRASOE_1_0
Software Reset / ASO Exit transaction returns the device to reading memory array data mode when device
is in ASO. It also clears SR0[5,4,3,1,0] when the device is not busy or is in the middle of a transaction sequence
or in an ASO.
1
ENTDPD_3_0
Enter Deep Power Down Mode transaction moves the device in the lowest power consumption mode.
3
RDVSTR_2_0
Read Status Register transaction allows the Status Register contents to be read with data placed on
DQ[7:0].
2
CLVSTR_1_0
Clear Status Register Failure Flags transaction resets all failure flags being reported.
1
PRNPOR_4_0
Program Nonvolatile POR Timer Register transaction programs into the 16-bit POR Time Register the
value which is multiplied by tPOR_CK (25 to 42 µs) to define the length of extension to the RSTO# pulse
beyond tVCS with data placed on DQ[7:0].
4
RDNPOR_4_0
Read Nonvolatile POR Timer Register transaction allows reading the contents of the 16-bit POR Time
Register and places it on DQ[7:0].
4
PGVINC_4_0
Program Volatile Interrupt Configuration Register transaction programs the 16-bit Interrupt Configu-
ration Register with data placed on DQ[7:0].
4
RDVINC_4_0
Read Volatile Interrupt Configuration Register transaction allows reading the contents of the 16-bit
Interrupt Configuration Register and places it on DQ[7:0].
4
PGVINS_4_0
Program Volatile Interrupt Status Register transaction programs the 16-bit Interrupt Status Register with
data placed on DQ[7:0].
4
RDVINS_4_0
Read Volatile Interrupt Status Register transaction allows reading the contents of the 16-bit Interrupt
Status Register and places it on DQ[7:0].
4
PGVCR1_4_0
Program Volatile Configuration Register 1 transaction programs the 16-bit Volatile Configuration Register
0 with data placed on DQ[7:0].
4
PGVCR2_4_0
Program Volatile Configuration Register 2 transaction programs the 16-bit Volatile Configuration Register
1 with data placed on DQ[7:0].
4
RDVCR1_4_0
Read Volatile Configuration Register 1 transaction allows reading the contents of the 16-bit Volatile
Configuration Register 0 and places it on DQ[7:0].
4
RDVCR2_4_0
Read Volatile Configuration Register 2 transaction allows reading the contents of the 16-bit Volatile
Configuration Register 1 and places it on DQ[7:0].
4
PGNCR1_4_0
Program Nonvolatile Configuration Register 1 transaction programs the 16-bit Nonvolatile Configuration
Register 0 with data placed on DQ[7:0].
4
PGNCR2_4_0
Program Nonvolatile Configuration Register 2 transaction programs the 16-bit Nonvolatile Configuration
Register 1 with data placed on DQ[7:0].
4
ERNC12_3_0
Erase Nonvolatile Configuration Registers 1 and 2 transaction erases the contents of the two 16-bit
Nonvolatile Configuration registers (0, 1).
3
RDNCR1_4_0
Read Nonvolatile Configuration Register 1 transaction allows reading the contents of the 16-bit Nonvol-
atile Configuration Register 0 and places it on DQ[7:0].
4
RDNCR2_4_0
Read Nonvolatile Configuration Register 2 transaction allows reading the contents of the 16-bit Nonvol-
atile Configuration Register 1 and places it on DQ[7:0].
4
PGWORD_4_0
Program Word transaction programs the data word (0's) supplied on DQ[7:0] in the addressed memory
array.
4
LDBUFR_6_0
Load Write Buffer transaction loads up to 256/512 bytes of data (0's) supplied on DQ[7:0] in the write buffer.
6
PGBFCM_1_0
Program Write Buffer Confirm transaction tells the device to program the data loaded into the write buffer
into the addressed memory array.
1
RSTWBA_3_0
Reset Write to Buffer Abort transaction resets the Write Buffer Abort Status Flag (WRBFAB - STRV[3]) and
Programming Error Status Flag (PRGERR - STRV[4]) in the Status Register.
3
ERCHIP_6_0
Erase Chip transaction sets all bits to 1 (all bytes are FFh) inside the entire flash memory array.
6
ERSCTR_6_0
Erase Sector transaction sets all the bits of an addressed 256KB sector or a 4KB sector to 1 (all bytes are FFh).
6
BLKCHK_1_0
Blank Check transaction confirms if the selected Flash Memory Array sector is fully erased. ERSERR
(STRV[5]- Bit 5 of the Status Register) will be cleared to 0 if the sector is erased and set to 1 if not erased.
1
EVERST_1_0
Evaluate Erase Status transaction verifies that the last erase operation on the addressed sector was
completed successfully. f the selected sector was successfully erased the SESTAT (STRV[5]- Bit 0 of the
Status Register) is set to 1.
1
SPERSE_1_0
Suspend Erase transaction allows the system to interrupt an erase operation.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com