Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 166 page
background image
Datasheet
127 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Transaction table
ECCENT_3_1
ASO Error Correction
Codes
Error Correction (ECC) ASO Entry transaction allows accessing the error
correction action (ECC status) of any half-page of the Flash Memory Array.
3
RDECST_1_1
Read Error Correction (ECC) Status transaction provides the ECC Status value for
the addressed half-page on DQ[7:0]. A single word of status is displayed at any word
location within a half-page.
1
RDADTL_2_1
Read Address Trap Register Lower Word transaction provides the lower 16-bits of
the error correction action (ECC) related address value stored in the Address Trap
Register (32-bits) on DQ[7:0].
2
RDADTU_2_1
Read Address Trap Register Upper Word transaction provides the upper 16-bits
of the error correction action (ECC) related address value stored in the Address Trap
Register (32-bits) on DQ[7:0].
2
RDCONT_2_1
Read ECC Count Value Register transaction provides the ECC count of th number
of error correction actions on DQ[7:0].
2
CLRECC_1_1
Clear ECC Error Status Failure Flags transaction resets all failure flags and inter-
rupts being reported.
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
ICRCEN_3_1
ASO Interface CRC
Interface CRC Register ASO Entry transaction allows accessing the contents of the
Interface CRC Register. Exiting Interface CRC Register ASO clears the Interface CRC
Register.
3
RDICRC_1_1
Read Volatile Interface CRC Register transaction provides the contents of the
Interface CRC Register on DQ[7:0]. Addresses 0x00 and 0x01 define the lower and
upper 16-bit Interface CRC Register values.
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
DICREN_3_1
ASO Data Integrity
CRC
Data Integrity CRC Register ASO Entry transaction allows accessing the Data
Integrity CRC check-value. While the Data Integrity CRC calculation is not suspended
the Data Integrity CRC ASO overlays the entire flash memory array. When the CRC
calculation is suspended the flash memory array is visible for reading.
3
LDSTAD_1_1
Load Start Address transaction loads the Data Integrity CRC beginning address
location.
1
LDENAD_1_1
Load End Address transaction loads the Data Integrity CRC ending address
location.
1
SP_DIC_1_1
Suspend Data Integrity CRC transaction allows the system to interrupt the Data
Integrity CRC calculation operation.
1
RDCMRY_1_1
Read Memory Array during Data Integrity CRC suspend transaction allows
reading out the memory array data at the given address and places it on DQ[7:0].
1
RS_DIC_1_1
Resume Data Integrity CRC transaction allows the system to resume the
suspended Data Integrity CRC calculation operation.
1
RDDICL_2_1
Read Data Integrity CRC Register Lower Word transaction provides the lower
16-bits of the Data Integrity CRC check-value on DQ[7:0].
2
RDDICU_2_1
Read Data Integrity CRC Register Upper Word transaction provides the upper
16-bits of the Data Integrity CRC check-value on DQ[7:0].
2
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
ATBNEN_3_1
ASO AutoBoot
AutoBoot Nonvolatile Register ASO Entry transaction allows accessing the
AutoBoot Register. This entry transaction does not use a sector address from the
entry transaction.
3
PGNATB_2_1
Program Nonvolatile AutoBoot Register transaction programs the programs the
16-bit Nonvolatile AutoBoot Register with data placed on DQ[7:0].
2
RDATBN_1_0
Read Nonvolatile AutoBoot Register transaction allows reading the contents of
the 32-bit Nonvolatile AutoBoot Register and places it on DQ[7:0]. Addresses 0x00
and 0x01 define the lower and upper 16-bit AutoBoot Register values.
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
Table 120
HYPERBUS™ transaction description (Continued)
Transaction name
Description
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com