Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 166 page
background image
Datasheet
52 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.7
AutoBoot
AutoBoot allows the host to read data from HL-T/HS-T family of devices after power up or after a hardware reset
without having to send any read transactions (including the address). Based on the device configuration, data is
output on the interface I/Os once CS# is brought Low and CK is toggled.
The starting address for the read data is specified in the AutoBoot Register (ATBN[31:9] - STADR[22:0]). This
starting address can be at any page boundary location in the memory (512 byte page boundary). Also identified
in the AutoBoot Register is a starting delay which is represented as the number of clock cycles (ATBN[8:1] -
STDLY[7:0]). This delay is instituted before the data is read out. The delay can be programmed to meet the host's
requirements but a minimum amount is required to meet the memory access times based on the frequency for
operation. It is highly recommended to check the Status Register 1 value after successful or unsuccessful
AutoBoot execution to verify the configuration corruption (SafeBoot).
Note Wrap function must be disabled for AutoBoot.
Note AutoBoot is disabled when the Read Password feature is enabled, as part of the Advanced Sector
Protection. It is recommended to disable AutoBoot (ATBN[0] - ATBTEN) when Read Password feature is enabled.
Note Autoboot with Interface CRC enabled requires reading out at least 4 words of data.
Note It is highly recommended to assign first AutoBoot address in the Long Retention region.
4.7.1
HYPERBUS™ AutoBoot related registers and transactions
4.7.2
Legacy (x1) SPI AutoBoot related registers and transactions
Table 39
HYPERBUS™ AutoBoot related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
AutoBoot Register (ATBN)
Program AutoBoot Register (PGNATB_2_1) - AutoBoot ASO
Read AutoBoot Register (RDATBN_1_0) - AutoBoot ASO
AutoBoot HYPERBUS™ Transaction
Table 40
Legacy (x1) SPI AutoBoot related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
AutoBoot Register (ATBN)
Read Any Register (RDARG_4_0)
Write Any Register (WRARG_C_1)
AutoBoot Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com