Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
Datasheet
29 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.1.1.3
ECC error detection counter (ECTV)
• A 16-bit register is provided to count the number of 1-bit or 2-bit errors that occur as data is read from the flash
memory array. Only errors recognized in the main array will cause the Error Detection Counter to increment.
ECTV Register is only updated during Read transaction. Read ECC Status transaction does not affect the ECTV
Register.
The 16-bit Error Detection Counter will not increment beyond FFFFh. However, the ECC continues to work.
Note that during continuous read operations, when a 1-bit or a 2-bit error is detected, the clock may continue
toggling and the memory device will continue incrementing the data address and placing new data on the DQ
signals; any additional data units with errors that are encountered will be counted until CS# is brought back
HIGH.
During a read transaction only one error is counted for each data unit found with an error. Each read transac-
tion will cause a new read of the target data unit. If multiple read transactions access the same data unit
containing an error, the error counter will increment each time that data unit is read.
When 2-bit error detection is not enabled and the same data unit is programmed more than once, ECC error
detection for that data unit is disabled so, no error can be recognized or counted.
• The ECC Error Detection Counter Register can be read using HYPERBUS™ or Legacy (x1) SPI ECC Error Detection
Counter read transaction.
• ECTV Register is set to 0 on POR, CS# Signaling/Hardware/Software Reset or with Clear ECC Status Register
transaction.
Table 12
Error detection counter (Volatile)
Bit position
EDC result
EDC[15]
R15
EDC[14]
R14
EDC[13]
R13
EDC[12]
R12
EDC[11]
R11
EDC[10]
R10
EDC[9]
R9
EDC[8]
R8
EDC[7]
R7
EDC[6]
R6
EDC[5]
R5
EDC[4]
R4
EDC[3]
R3
EDC[2]
R2
EDC[1]
R1
EDC[0]
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com