Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 166 page
background image
Datasheet
77 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.12.1.2
Erase suspend
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from,
or program data to, the Flash Memory Array. This command is valid only during sector erase operation. The Erase
Suspend command is ignored if written during the chip erase operation.
• Erase Suspend is valid only during a sector erase operation.
• The Erase operation Suspend status flag (SPI - ERASES STR2V[1], HYPERBUS™ ERASES STRV[6]) can be used to
determine if an erase operation has been suspended or was completed at the time RDYBSY changes to 0.
• A Bulk Erase operation cannot be suspended.
• An Erase operation can be suspended to allow a program operation or a read operation. After an
erase-suspended program operation is complete, the device returns to the erase-suspend mode.
• A new erase operation is not allowed with an already suspended erase, program, or data integrity check
operation. An erase command is ignored in this situation.
• If a program failure occurs during erase suspend the Status Register Clear or Software Reset transactions will
return the device to the erase suspended state.
• Reading at any address within an erase-suspended sector produces undetermined data.
4.12.1.3
Data integrity check suspend - Legacy SPI only
• Data Integrity Check Suspend is valid only during a Data Integrity Check Calculation operation.
• The Memory Array Data Integrity Check CRC Suspend Status Flag (SPI - DICRCS STR2V[4], HYPERBUS™ - DICRCS
STRV[8]) can be used to determine if a data integrity check operation has been suspended or was completed at
the time RDYBSY changes to 0.
• A data integrity check operation can be suspended to allow a read operation.
• The time required for the suspend operation to complete is tPEDS.
The system can determine the status of the program operation by reading the RDYBSY bit in the Status Register
1, just as in the standard program operation.
Table 56 lists the transactions allowed during the suspend operation.
Table 56
HYPERBUS™ transactions allowed during suspend
Transaction name
Allowed during erase
suspend
Allowed during
program suspend
Allowed during data
integrity check
suspend
Read (RDMARY_1_0) - Non Suspended Sector
Yes
Yes
Yes
Read Status Register (RDVSTR_2_0)
Software Reset / ASO Exit (SRASOE_1_0)
Resume Program (RSPROG_1_0)
No
No
Program Volatile Interrupt Configuration Register (PGVINC_4_0)
Yes
Yes
Read Volatile Interrupt Configuration Register (RDVINC_4_0)
Program Volatile Interrupt Status Register (PGVINS_4_0)
Read Volatile Interrupt Status Register (RDVINS_4_0)
No
No
Program Word (PGWORD_4_0) - Non Suspended Sector
Program Write Buffer (LDBUFR_6_0, PGBFCM_1_0, RSTWBA_3_0)
Read Volatile Configuration Register 1 & 2 (RDVCR1_4_0, RDVCR2_4_0)
Yes
Yes
Read Nonvolatile Configuration Register 1 & 2 (RDNCR1_4_0, RDNCR2_4_0)
No
No
Resume Erase (RSERSE_1_0)
Device ID/Unique ID/SFDP ASO
(IDSFE1_3_1, IDSFE2_1_1, RDIDSF_1_1,
ASOEXT_1_1)
Yes
Yes
Secure Silicon Region ASO (SSRENT_3_1,
RD_SSR_1_1, PG_SSR_4_1, LDBSSR_5_1,
PGCSSR_1_1, RSWSSR_3_1, ASOEXT_1_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com