Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 90 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 90 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 86Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 87Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 166 page
background image
Datasheet
90 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.1
Register naming convention
5.2
HYPERBUS™ registers
5.2.1
Configuration register 1 (CFR1x) (x8)
Configuration Register 1 controls device functionality.
Table 66
Register bit description convention
Bit number
Name
Function
Read/write
Factory
default
(binary)
Description
REGNAME#T[x]
T = N, V, O
Descending Order
––
Possible Options:
N/A - Not Applicable
R - Readable Only
R/W - Readable and Writable
R/1 - Readable and One Time Program-
mable
Possible
Options:
0
1
Format:
Description of the Configuration bit
0 = Option ‘0’ selection of the Bit
1 = Option '1' selection of the Bit
Dependency: Is this Bit part of a function which
requires multiple bits for implementation?
Table 67
Configuration register 1 (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR1N[15]
CFR1V[15]
DPDPOR
Deep Power Down
power saving mode
entry selection upon
Power-On-Reset
N => R/W
V => R/W
1
Description:
The DPDPOR bit selects if the device will be in either the Deep
Power Down (DPD) mode or the Standby mode after the
completion of Power-On-Reset (POR). If enabled, DPDPOR
configures the device to start in DPD mode to reduce current
consumption until the device is needed. If the device is in DPD,
a pulse on CS# or a Hardware reset will return the device to
Standby mode.
Selection Options:
0 = Power Down Power mode is entered upon the completion
of Power-On-Reset
1 = Standby mode is entered upon the completion of
Power-On-Reset Deep
Dependency: N/A
CFR1N[14:12]
CFR1V[14:12]
IOIMPD[2:0] I/O Driver Output
Impedance Selection
N => R/W
V => R/W
101
Description:
The IOIMPD[2:0] bits select the IO driver output impedance
(drive strength). The output impedance configuration bits
adjust the drive strength during normal device operation to
meet system signal integrity requirements.
Selection Options:
000 = 45Ω
001 = 120Ω
010 = 90Ω
011 = 60Ω
100 = 45Ω
101 = 30Ω (Factory Default)
110 = 20Ω
111 = 15Ω
Dependency: N/A
CFR1N[11]
CFR1V[11]
TLCFRP
Temporary Locking
selection of Configu-
ration Registers
N => R/W
V => R/W
1
Description:
The TLCFRP bit temporarily protects the Configuration
Registers. Upon power-up or a hardware reset, TLCFRP is set
to its default state. When selected, it protects the Configu-
ration registers from programming.
Note It is recommended to program and verify other Config-
uration Register bits before setting up TLCFRP = 0.
Selection Options:
0 = Configuration Registers are protected
1 = Configuration Registers are not protected
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com