Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 98Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 166 page
background image
Datasheet
99 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.9
ASP PPB lock register (PPLV) (x8)
The PPBLCK bit in the ASP PPB Lock Register (PPLV) is used to protect the PPB bits.
5.2.10
ASP PPB access register (PPAV) (x8)
The ASP PPB Access Register (PPAV) is used to provide the state of each sector’s PPB protection bit.
5.2.11
ASP dynamic block access register (DYAV) (x8)
The ASP DYB Access Register (DYAV) is used to provide the state of each sector’s DYB protection bit.
Table 76
ASP PPB lock register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
PPLV[15:1]
RESVRD
Reserved for Future Use
V => R
1111111111
1111
This bit is Reserved for future use.
This bit must always be written/loaded to its default state.
PPLV[0]
PPBLCK
PPB Temporary
Protection Selection
V => R
1
Description: The PPBLCK bit is used to temporarily protect
all the PPB bits.
Selection Options:
0 = PPB bits are protected against erase or program till the
next POR or hardware reset
1 = PPB Bits can be erased or programmed
Dependency: N/A
Table 77
ASP PPB access register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
PPAV[15:0]
PPBACS[15:0] Sector Based PPB
Protection Status
N => R/W
1111111111
111111
Description: The PPBACS[7:0] bits are used to provide the
state of the individual sector's PPB bit.
Selection Options:
FFFF = PPB for the sector addressed by the Read PPB trans-
action is 1, not protecting that sector from program or
erase operations
0000 = PPB for the sector addressed by the Read PPB trans-
action is 0, protecting that sector from program or erase
operations
Dependency: N/A
Table 78
ASP DYB access register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
DYAV[15:0]
DYBACS[15:0] Sector Based DYB
Protection Status
V => R/W
1111111111
111111
Description: The DYBACS[7:0] bits are used to provide the
state of the individual sector's DYB bit.
Selection Options:
FFFF = DYB for the sector addressed by the Read DYB trans-
action is 1, not protecting that sector from program or
erase operations
0000 = DYB for the sector addressed by the Read DYB trans-
action is 0, protecting that sector from program or erase
operations
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com