Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 40Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 166 page
background image
Datasheet
40 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.5.1.2
PPB lock
The Persistent Protection Lock bit is a volatile bit for protecting all PPB bits. When cleared to 0, it locks all PPBs
and when set to 1, it allows the PPBs to be changed. There is only one PPB Lock bit per device. The PPB Lock
command is used to clear the bit to 0. The PPB Lock bit must be cleared to 0 only after all the PPBs are configured
to the desired settings.
In Persistent Protection mode, the PPB Lock bit is set to 1 during POR or a Hardware Reset. When cleared with
the PPB Lock bit Clear sequence, no software command sequence can set the PPB Lock bit, only another
Hardware Reset or Power-Up can set the PPB Lock bit.
In the Password Protection mode, the PPB Lock bit is cleared to 0 during POR or a Hardware Reset. The PPB Lock
bit can only set to 1 by the Password Unlock command sequence. The PPB Lock bit can be cleared back to 0 with
the PPB Lock bit Clear sequence
4.5.1.3
DYB (Volatile) sector protection
Dynamic Protection Bits (DYB) are volatile and unique for each sector and can be individually modified. DYBs only
control protection for sectors that have their PPBs cleared. By issuing the DYB Write transaction, the DYB are set
to 0 or cleared to 1, thus placing each sector in the protected or unprotected state respectively. This feature
allows software to easily protect sectors against inadvertent changes, yet does not prevent the easy removal of
protection when changes are needed. As mentioned above, the DYBs can be set to 0 or cleared to 1 as often as
needed.
4.5.1.4
PPB (Nonvolatile) sector protection
The Persistent Protection Bits (PPB) are located in a separate nonvolatile flash array. One of the PPB bits is
assigned to each sector. When a PPB is programmed to 0 its related sector is protected from program and erase
operations. The PPB are programmed individually but must be erased as a group, similar to the way individual
words may be programmed in the main array but an entire sector must be erased at the same time. Programming
a PPB bit requires the typical word programming time. During a PPB bit programming operation or PPB bit
erasing, the Status Register can be accessed to determine when the operation has completed. Erasing all the
PPBs requires typical sector erase time.
4.5.1.5
Persistent protection mode
The Persistent Protection method sets the PPB Lock bit to 1 during POR or Hardware Reset so that the PPB bits
are unprotected by a device reset. There is a command to clear the PPB Lock bit to 0 to protect the PPB. There is
no command in the Persistent Protection method to set the PPB Lock bit to 1 therefore the PPB Lock bit will
remain at 0 until the next power-off or Hardware Reset.
4.5.1.6
Password protection mode
Password Protection mode allows an even higher level of security than the Persistent Sector Protection mode,
by requiring a 64-bit password for setting the PPB Lock bit. In addition to this password requirement, after
Power-Up or Hardware Reset, the PPB Lock bit is cleared to 0 to ensure protection at Power-Up. Successful
execution of the Password Unlock command by entering the entire password sets the PPB Lock bit to 1, allowing
for sector PPB modifications. The Password Protection scheme flowchart is shown in Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com