Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 55Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 56Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 57Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
Datasheet
55 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.8.3.2
Read any register - Legacy (x1) SPI
The Read Any Register (RDARG_4_0) transaction is the best way to read all device registers, both Nonvolatile and
Volatile. The transaction includes the address of the register to be read. This is followed by a number of latency
cycles set by (CFR2V[3:0]) for reading Nonvolatile registers and CFR3V[7:6] for reading Volatile registers. Then, the
selected register contents are returned. If the read access is continued, the same addressed register contents are
returned until the transaction is terminated; only one byte register location is read by each RDARG_4_0 trans-
action. For registers with more that one byte of data, the RDARG_4_0 transaction must be repeated with the
address of the second byte (and so on) to read each byte of data.
The maximum clock frequency for the RDARG_4_0 transaction is 166MHz under SPI mode.
The RDARG_4_0 transaction can be used during embedded operations to read Status Register 1 (STR1V). It is not
used for reading registers such as ASP PPB Access Register (PPAV) and ASP Dynamic Block Access Register (DYAV).
There are separate commands required to select and read the location in the array accessed. The RDARG_4_0
transaction will read invalid data from the PASS Register locations if the ASP Password protection mode is
selected by programming ASPR[2:0]. Reading undefined locations provides undefined data.
4.8.3.3
Read status registers transaction
The Read Status Register (RDSR1_0_0, RDSR2_0_0, RDVSTR_2_0) transactions allow the registers’ volatile
contents to be read. The SPI mode has no address cycles. The SPI transaction uses latency cycles set by
(CFR3V[7:6]) for reading Volatile registers to enable maximum clock frequency of 166MHz. The HYPERBUS™ trans-
action uses latency cycles set by (CFR1V[7:4]) for reading Volatile registers to enable maximum clock frequency
of 166MHz under HL-T, and 200MHz under HS-T. The HYPERBUS™ mode supports DS for capturing data.
The Status Register (SPI - volatile only) contents can be read at any time, even while a program, erase, or write
operation is in progress.
In SPI mode, it is possible to continuously read Status Register by providing multiples of eight clock cycles. The
status is updated for each eight cycle read.
4.8.3.4
Read dynamic protection bit (DYB) access register transaction
The Read DYB Access Register (RDDYB_4_0, RDVDYB_1_1) transaction reads the contents of the DYB Access
Register. The SPI transaction uses latency cycles set by (CFR3V[7:6]) for reading Volatile registers to enable
maximum clock frequency of 166MHz. The HYPERBUS™ transaction uses latency cycles set by (CFR1V[7:4]) for
reading Volatile registers to enable maximum clock frequency of 166MHz under HL-T, and 200MHz under HS-T.
The HYPERBUS™ mode supports the DS for capturing data. It is not possible to read DYB Access Register contin-
uously for the entire array. Each location must be read with a separate Read DYB transaction.
4.8.3.5
Read persistent protection bit (PPB) access register transaction
The Read PPB Access Register (RDPBB_4_0, RDNPPB_1_1) transaction reads the contents of the PPB Access
Register. The SPI transaction uses latency cycles set by (CFR3V[7:6]) for reading Volatile registers to enable
maximum clock frequency of 166MHz. The HYPERBUS™ transaction uses latency cycles set by (CFR1V[7:4]) for
reading Volatile registers to enable maximum clock frequency of 166MHz under HL-T, and 200MHz under HS-T.
The HYPERBUS™ mode supports the DS for capturing data. It is not possible to read PPB Access Register contin-
uously for all the sectors in the array. Each location must be read with a separate Read PPB transaction.
4.8.3.6
Read PPB lock transaction
The Read PPB Lock Register (RDPLB_0_0, RDVPPL_1_1) transaction allows reading the global Persistent
Protection Lock bit. The SPI mode has no address cycles. The SPI transaction uses latency cycles set by
(CFR3V[7:6]) for reading Volatile registers to enable maximum clock frequency of 166MHz. The HYPERBUS™ trans-
action uses latency cycles set by (CFR1V[7:4]) for reading Volatile registers to enable maximum clock frequency
of 166MHz under HL-T, and 200MHz under HS-T. The HYPERBUS™ mode supports DS for capturing data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com