Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 93 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 93 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 96Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 97Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 166 page
background image
Datasheet
93 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
CFR2N[4]
CFR2V[4]
HYBSEL
Hybrid Burst Selection -
CA[45] must select
Wrapped Burst type for
this option
N => R/W
V => R/W
1
Description:
The HYBSEL bit selects hybrid burst which provides one initial
wrapped burst followed by a linear burst.
Selection Options:
0 = Hybrid burst is enabled (Wrapped burst followed by linear
burst)
1 = Hybrid burst is disabled
Dependency: N/A
CFR2N[3]
CFR2V[3]
RESVRD
Reserved for Future Use
N => R/W
V => R/W
1
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR2N[2]
CFR2V[2]
SP4KBS
Split 4KB Sectors
selection between top
and bottom address
space
N => R/W
V => R/W
1
Description:
The SP4KBS bit selects whether the 4KB sectors are grouped
together or evenly split between high and low address ranges.
Selection Options:
0 = 4KB Sectors are grouped together
1 = 4KB Sectors are split between High and Low Addresses
Dependency: TB4KBS[1:0] (CFR1x[9:8])
CFR2V[1]
RESVRD
Reserved for Future Use
N => R/W
V => R/W
1
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR2N[0]
CFR2V[0]
CK#SEL
Master Clock Selection -
Single Ended or Differ-
ential
N => R/W
V => R/W
1
Description:
The CK#SEL bit selects whether master clock is single ended
(CK) or differential (CK, CK#)
Selection Options:
1 = Master Clock is single ended (CK)
0 = Master Clock is differential (CK, CK#)
Dependency: N/A
Table 69
Configuration register 2 (x8) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com