Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 66 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 66 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 67Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 68Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 69Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 70Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 166 page
background image
Datasheet
66 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 35
Word program operation
4.10.1.2
Write buffer programming
A write buffer is used to program data within a 512-Byte address range aligned on a 512-Byte boundary (Line).
Thus, a full Write Buffer Programming operation must be aligned on a Line boundary. Programming operations
of less than a full 512-Byte may start on any word boundary but may not cross a Line boundary. At the start of a
Write Buffer Programming operation all bit locations in the buffer are all 1’s (FFFFh words) thus any locations not
loaded will retain the existing data. See Address space maps on page 19 for information on address map.
Write Buffer Programming allows up to 512-Byte to be programmed in one operation. It is possible to program
from 1 bit up to 512-Byte in each Write Buffer Programming operation. It is strongly recommended that a multiple
of 16-Byte half-pages be written and each half-page written only once. For the very best performance,
programming should be done in full Lines of 512-Byte aligned on 512-Byte boundaries.
Write Buffer Programming is supported only in the Flash Memory Array or the SSR ASO.
The Write Buffer Programming operation is initiated by first writing two unlock cycles. This is followed by a third
write cycle of the Write to Buffer command with the Sector Address (SA), in which programming is to occur. Next,
the system writes the number of word locations minus one. This tells the device how many write buffer addresses
will be loaded with data and therefore when to expect the Program Buffer to flash confirm command. The Sector
Address provided in both the Write to Buffer command and the Write Word Count command must match. The
Sector to be programmed must be unlocked (unprotected). If a programming operation is attempted to a locked
sector, the operation will be aborted and the failure will be indicated in the Status Register.
The system then writes the starting address and data word. This starting address is the first address and data pair
to be programmed, and selects the starting word address within the write buffer Line. The Sector address must
match the Write to Buffer command Sector Address or the operation will abort and return to the initiating state.
All subsequent single word address and data pair write transactions must be in sequential order. All write buffer
addresses must be within the same Line. If the system attempts to load data outside this range, the operation
will abort and return to the initiating state.
The word counter decrements for each data word loaded. Note that while counting down the data writes, every
write is considered to be data being loaded into the write buffer. No commands are possible during the write
buffer loading period. The only way to stop loading the write buffer is to write with an address that is outside the
Line of the programming operation. This invalid address will immediately abort the Write to Buffer command
sequence and set the Write Buffer Abort Status Bit (WRBFAB - STRV[3]).
START
Write Program
Command Sequence
Read Status Register
Programming
Completed
Increment Address
Done ?
Last Address ?
Yes
Yes
No
No
Embedded
Program
Algorithm in
Progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com