Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 34Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 35Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 36Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 37Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 38Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 166 page
background image
Datasheet
35 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.3.1
Read
The read operation is performed when the host specifies the READ transaction while CS# is LOW. The device then
provides the data from the memory based on the address. Any number of bytes can be read (burst reads) to
consecutive addresses without issuing a new READ transaction.
For transaction protection, the device performs the CRC over the entire transaction sequence (CS# LOW state)
using the CRC32 polynomial. Once the CS# is brought HIGH, the CRC calculation is stopped and the check-value
latched into the CRC Register. If multiple READ transactions are executed by the host, the device continues
updating the CRC check-value between every CS# LOW cycle.
Figure 23
Read CRC protection
Note Back to back Interface CRC read transaction will not show the CRC checksum value being reset. At the end
of each read interface CRC Register transaction, the interface CRC Register will get reset and updates itself with
new CRC checksum value after getting a transaction with valid input data for at least three clock cycles.
4.3.2
Program / erase
The program operation is performed when the host specifies a program transaction while CS# is LOW. Up to 256
bytes / 512 bytes can be written (burst writes) to consecutive addresses without issuing new program trans-
action. The erase operation is performed when the host specifies an erase transaction while CS# is LOW. Either a
single sector or the complete device can be erased.
For transaction protection, the slave device will perform the CRC over the entire instruction sequence (CS# LOW
state) using the proposed CRC32 polynomial. Once the CS# is brought HIGH to complete the Program / Erase
transaction, the CRC calculation will be stopped and the checksum latched into the CRC Register. If multiple
Program / Erase transactions are executed by the host, the slave will continue updating the CRC checksum
between every CS# LOW cycle.
Figure 24
Program CRC protection
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Read Data
(n Bits)
DQ[7:0]
Read Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated
CK
CS#
Command
(16 Bits)
Address
(32 Bits)
Write Data
(n Bits)
DQ[7:0]
Program Transaction
CRC32 - Equation
CRC Read
Every 32-bits of data is shifted into
CRC32 and the Checksum is updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com