Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 1 Page - Infineon Technologies AG

  26HS01GTAM03 Datasheet HTML 1Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 2Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 3Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 4Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-12337 Rev. *Y
www.infineon.com
page 1 of 166
2022-01-18
S26HS256T, S26HS512T, S26HS01GT,
S26HL256T, S26HL512T, S26HL01GT
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
• CYPRESS™ 45-nm MIRRORBIT™ technology that stores two data bits in each memory array cell
• Sector architecture options
- Uniform: Address space consists of all 256KB Sectors
-Hybrid
• Configuration 1: Address space consists of thirty-two 4KB sectors grouped either on the top or the bottom
while the remaining sectors are all 256KB
• Configuration 2: Address space consists of thirty-two 4KB sectors equally split between top and bottom
while the remaining sectors are all 256KB
• Page Programming buffer of 256 or 512 bytes
• OTP secure silicon region (SSR) of 1024 bytes (32  32 bytes)
• HYPERBUS™ interface
- JEDEC eXpanded SPI (JESD251) compliant
- DDR option runs up to 400-MBps (200MHz clock speed)
- Supports data strobe (DS) to simplify the read data capture in high-speed systems
• Legacy (x1) SPI (1S-1S-1S)
- JEDEC eXpanded SPI (JESD251) compliant
- SDR option runs up to 21-MBps (166MHz clock speed)
• SEMPER™ Flash with HYPERBUS™ interface devices support default boot in legacy SPI (x1) or HYPERBUS™
interface (x8)
• Functional safety features
- Functional safety ISO26262 ASIL B compliant and ASIL D ready
-Infineonendurance flex architecture provides high-endurance and long retention partitions
- Interface CRC detects errors on communication interface between host controller and SEMPER™ Flash device
- Data integrity CRC detects errors in memory array
- SafeBoot reports device initialization failures, detects configuration corruption, and provides recovery
options
- Built-in error correcting code (ECC) corrects Single-bit Error and detects Double-bit Error (SECDED) on memory
array data
- Sector erase status indicator for power loss during erase
•Protection features
- Advanced sector protection for individual memory array sector based protection
• AutoBoot enables immediate access to the memory array following power-on
• Hardware reset through CS# signaling method (JEDEC) AND individual RESET# pin
• Serial flash discoverable parameters (SFDP) describing device functions and features
• Device identification, manufacturer identification and unique identification
• Data integrity
- 256Mb devices
• Minimum 640,000 program-erase cycles for the main array
- 512Mb devices
• Minimum 1,280,000 program-erase cycles for the main array


Similar Part No. - 26HS01GTAM03

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
26HL66 TOSHIBA-26HL66 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
26HLC56 TOSHIBA-26HLC56 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
26HLV66 TOSHIBA-26HLV66 Datasheet
422Kb / 10P
Service Material and Reference Tips
7/6/2007
logo
List of Unclassifed Man...
26HNS ETC-26HNS Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
More results

Similar Description - 26HS01GTAM03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
512Mb/256Mb 1.8V NAND Flash Errata
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
KIOXIA Corporation
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
1Gb 1.8V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
1Gb 1.8V Serial Interface NAND
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S28HS02GT INFINEON-S28HS02GT Datasheet
164Kb / 12P
2Gb/4Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-34695 Rev. **
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
S25FS256T INFINEON-S25FS256T Datasheet
969Kb / 91P
256Mb SEMPER™ Nano Flash
Rev. L 2022-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com