Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 72Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 166 page
background image
Datasheet
76 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
4.11.10
HYPERBUS™ erase related registers and transaction
4.11.11
Legacy (x1) SPI erase related registers and transaction
4.12
Suspend and resume embedded operation
HL-T/HS-T device can interrupt and suspend the running embedded operations such as Erase, Program, or Data
Integrity Check. It can also resume the suspended operation once the host finishes the intermediate operation
and sends the respective resume transaction to the device.
4.12.1
Erase, program, or data integrity check suspend
The Suspend transaction allows the system to interrupt a program, erase or data integrity check operation and
then read from any other non erase-suspended sector, non-program-suspended-page or the array. The Device
Ready/Busy Status Flag (RDYBSY) in Status Register (SPI - STR1V[0], HYPERBUS™ STRV[7]) must be checked to
know when the program, erase or data integrity check operation has stopped.
4.12.1.1
Program suspend
• Program Suspend is valid only during a programming operation.
• The Program Operation Suspend Status flag (SPI - PROGMS STR2V[0], HYPERBUS™ - PROGMS STRV[2]) can be
usedtodetermineifaprogrammingoperationhasbeensuspendedorwascompletedatthetimeRDYSYchanges
to 0.
• A program operation can be suspended to allow a read operation.
• Reading at any address within a program-suspended page produces undetermined data.
Table 54
HYPERBUS™ erase related registers and transactions
Related registers
(see Section 5.2 HYPERBUS™ registers on page 90)
Related HYPERBUS™ transactions
(see Table 120 on page 124)
HYPERBUS™ Status Register (STRV)
Erase Sector (ERSCTR_6_0)
HYPERBUS™ Configuration Register 1 (CFR1N, CFR1V)
Erase Chip (ERCHIP_6_0)
SPI ASP PPB Lock (PPLV)
HYPERBUS™ ASP PPB Lock (PPLV)
Erase Nonvolatile Persistent Protection Bits (ERNPPB_2_1)
HYPERBUS™ Sector Erase Count Register (SECV)
Evaluate Erase Status (EVERST_1_0)
Sector Erase Count (RDSECV_1_0)
Table 55
Legacy (x1) SPI erase related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
SPI Status Register 1 (STR1N, STR1V)
Write Enable (WRENB_0_0)
SPI Status Register 2 (STR2V)
Erase 4KB Sector (ER004_4_0)
SPI ASP PPB Lock (PPLV)
Erase Chip (ERCHP_0_0)
SPI Sector Erase Count Register (SECV)
Sector Erase Count (SEERC_4_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com