Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 5Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 6Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 7Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 8Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 166 page
background image
Datasheet
9 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
Figure 2
Logic block diagram
The SEMPER™ Flash family consists of multiple densities with, 1.8V and 3.0V core and I/O voltage options.
The device control logic is subdivided into two parallel operating sections: the Host Interface Controller (HIC) and
the embedded algorithm controller (EAC). The HIC monitors signal levels on the device inputs and drives outputs
as needed to complete read, program and write data transfers with the host system. The HIC delivers data from
the currently entered address map on read transfers; places write transfer address and data information into the
EAC command memory, and notifies the EAC of power transition, and write transfers. The EAC interrogates the
command memory, after a program or write transfer, for legal command sequences and performs the related
embedded algorithms (EA).
Changing the nonvolatile data in the memory array requires a sequence of operations that are part of EA. The
algorithms are managed entirely by the internal EAC. The main algorithms perform programming and erase of
the main flash array data. The host system writes command codes to the flash device. The EAC receives the
command, performs all the necessary steps to complete the transaction, and provides status information during
the progress of an EA.
In addition to the mandatory signals CS#, CK, SI/DQ0, SO/DQ1, DQ [7:2] and DS, the SEMPER™ Flash devices also
include optional signals CK#, RESET#, INT# and RSTO#. When RESET# transitions from LOW to HIGH the device
returns to the default state that occurs after an internal POR. The DS is synchronized with the output data during
read transactions enabling host system to capture data at high clock frequency operation. The INT# is an
open-drain output can provide an interrupt to the HYPERFLASH™ master to indicate when the HYPERFLASH™
transitions from busy to ready at the end of a program or erase operation or to indicate the detection of an ECC
error during read. The RSTO# is an open-drain output used to indicate when a POR is occurring within the device
and can be used as a system level reset signal. Upon completion of the internal POR the RSTO# signal will
transition from LOW to HIGH impedance after a user defined timeout period has expired. Upon transition to the
HIGH impedance state, the external pull-up resistance will pull RSTO# HIGH and the device immediately is placed
into the Standby state.
InfineonEndurance Flex architecture provides system designers the ability to customize SEMPER™ Flash’s
endurance and retention for their specific application. The host defines partitions for high endurance or long
retention, providing up to 1+ million cycles or 25 years of data retention.
SEMPER™ Flash devices support error detection and correction by generating an embedded hamming ECC during
memory array programming. This ECC code is then used for single-bit and double-bit error detection and
single-bit correction during read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com