Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 126 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 126 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 166 page
background image
Datasheet
126 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Transaction table
PPBENT_3_1
ASO Persistent
Protection Bits
Persistent Protection Bits ASO Entry transaction allows accessing the Persistent
Protection bits (PPB) associated with sectors. This entry transaction does not use a
sector address from the entry transaction to overlay. The PPB bit for a sector
appears in bit 0 of all word locations in the sector.
3
PGNPPB_2_1
Program Nonvolatile Persistent Protection Bits transaction programs the PPB bit
corresponding to a sector with data placed on DQ[7:0]. The PPB bit for a sector
appears in bit 0 of all word locations in the sector.
2
ERNPPB_2_1
Erase Nonvolatile Persistent Protection Bits transaction erases all the PPB bits.
2
RSWPPB_3_1
Reset Write to Buffer Abort transaction resets the Write Buffer Abort Status Flag
(WRBFAB - STRV[3]) in the Status Register caused by a PPB program failure.
3
RDNPPB_1_1
Read Nonvolatile Persistent Protection Bits transaction allows reading the PPB
bit corresponding to a sector and places it on DQ[7:0]. The PPB bit for a sector
appears in bit 0 of all word locations in the sector.
1
PRTSTS_2_1
Sector Protection Status transaction provides the protection status of the
addressed sector. Data out during a SA Protection Status Read indicates whether
the indicated sector is protected in bits 0–2:
Bit 0 – Indicates whether the indicated sector is protected (0 = protected, 1 = unpro-
tected).
Bit 1 – Protected using the sector’s DYB bit (0 = protected, 1 = unprotected).
Bit 2 – Protected using the sector’s PPB bit (0 = protected, 1 = unprotected).
Bits 3 through 15 are all 1s.
2
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
PPLENT_3_1
ASO PPB Lock
Persistent Protection Lock ASO Entry transaction allows accessing the global
Persistent Protection Lock bit. This entry transaction does not use a sector address
from the entry transaction to overlay. The global Persistent Protection Lock bit
appears in bit 0 of all word locations in the device.
3
CLVPPL_2_1
Clear Volatile Persistent Protection Lock transaction clears the global Persistent
Protection Lock bit.
2
RDVPPL_1_1
Read Volatile Persistent Protection Lock transaction allows reading the global
Persistent Protection Lock bit and places it on DQ[7:0]. The PPL bit appears in bit 0
of all word locations in the sector.
1
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
DYBENT_3_1
ASO Dynamic
Protection Bits
Dynamic Protection Bits ASO Entry transaction allows accessing the Dynamic
Protection bits (DYB) associated with sectors. This entry transaction does not use a
sector address from the entry transaction to overlay. The DYBB bit for a sector
appears in bit 0 of all word locations in the sector.
3
STVDYB_2_1
Set Volatile Dynamic Protection Bit transaction sets the DYB bit corresponding to
a sector with data placed on DQ[7:0]. The DYB bit for a sector appears in bit 0 of all
word locations in the sector.
2
CLVDYB_2_1
Clear Volatile Dynamic Protection Bit transaction clears the DYB bit corre-
sponding to a sector with data placed on DQ[7:0]. The DYB bit for a sector appears
in bit 0 of all word locations in the sector.
2
RDVDYB_1_1
Read Volatile Dynamic Protection Bit transaction allows reading the DYB bit
corresponding to a sector and places it on DQ[7:0]. The DYB bit for a sector appears
in bit 0 of all word locations in the sector.
1
PRTSTS_2_1
Sector Protection Status transaction provides the protection status of the
addressed sector. Data out during a SA Protection Status Read indicates whether
the indicated sector is protected in bits 0–2:
Bit 0 – Indicates whether the indicated sector is protected (0 = protected, 1 = unpro-
tected).
Bit 1 – Protected using the sector’s DYB bit (0 = protected, 1 = unprotected).
Bit 2 – Protected using the sector’s PPB bit (0 = protected, 1 = unprotected).
Bits 3 through 15 are all 1s.
2
ASOEXT_1_1
ASO Exit transaction returns the device to reading memory array data mode when
device is in an ASO. If any of the ASO Entry commands were issued, an ASO Exit
command must be issued to reset the device into Read mode.
1
Table 120
HYPERBUS™ transaction description (Continued)
Transaction name
Description
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com