Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 166 page
background image
Datasheet
122 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
Table 116
InfineonEndurance Flex architecture selection register (Pointer 3) (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX3O[10:2]
EPTAD3[8:0]
EnduraFlex Pointer 3
Address Selection
N => R/1
111111111
Description: The EPTAD3[8:0] bits define the 9-bit address
of the beginning sector from where the long retention /
high endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX3O[1]
ERGNT3
EnduraFlex Pointer 3
based Region Type
Selection
N => R/1
1
Description: The ERGNT3 bit defines whether the region is
long retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX3O[0]
EPTEB3
EnduraFlex Pointer 3
Enable# Selection
N => R/1
1
Description: The EPTEN3 bit define whether the wear
leveling pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A
Table 117
InfineonEndurance Flex architecture selection register (Pointer 2) (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX2O[10:2]
EPTAD2[8:0]
EnduraFlex Pointer 2
Address Selection
N => R/1
111111111
Description: The EPTAD2[8:0] bits define the 9-bit
address of the beginning sector from where the long
retention / high endurance region is defined.
Selection Options: Pointer Address
Dependency: N/A
EFX2O[1]
ERGNT2
EnduraFlex Pointer 2
based Region Type
Selection
N => R/1
1
Description: The ERGNT2 bit defines whether the region
is long retention or high endurance.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX2O[0]
EPTEB2
EnduraFlex Pointer 2
Enable# Selection
N => R/1
1
Description: EPTEN2 bitdefine whether the wear leveling
pointer is enabled/disabled.
Selection Options:
0 = Pointer Address Enabled
1 = Pointer Address Disabled
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com