Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 166 page
background image
Datasheet
118 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
ASPO[4]
ASPDYB
Dynamic Protection
(DYB) for all sectors at
power-up Selection
N => R/1
1
Description: The ASPDYB bit selects whether all DYB bits
(sectors) are in the protected state following power-up or
hardware reset. DYB bits will individually need to be reset to
change sector protections.
Selection Options:
0 = DYB based sector protection enabled at power-up or
hardware reset
1 = DYB based sector protection disabled at power-up or
hardware reset
Dependency: N/A
ASPO[3]
ASPPPB
Permanent Protection
(PPB) bits for all sectors
programmability
Selection
N => R/1
1
Description: The ASPPPB bit selects whether all PPB bits are
OTP making PPB sector protection permanent.
Note ASPPPB disables PPB erase transaction (ERPPB_0_0).
Selection Options:
0 = PPB bits are OTP
1 = PPB bits can be erased and programmed as desired
Dependency: N/A
ASPO[2]
ASPPWD
Password Based
Protection Selection
N => R/1
1
Description: The ASPPWD bit selects the Password
Protection Mode. Password Protection mode protects all
PPB bits till the correct password is entered. The ASPPWD
can also be used in combination with the ASPRDP to protect
all registers and all memory from erase/program and to
protect sectors from being read as well till the correct
password is provided - except for top or bottom sector which
is available for reading based on TBPROT configuration bit
(CFR1x[5]).
Note When ASPPWD is selected, ASPO[15:0], CFR1N[7:2] and
PWDO[63:0] are protected against Write operations..
Selection Options:
0 = Password Protection Mode is enabled
1 = Password Protection Mode is disabled
Dependency: N/A
ASPO[1]
ASPPER
Persistent Protection
Selection (Register
Protection Selection)
N => R/1
1
Description: The ASPPER bit selects the Persistent Protection
Mode. The Persistent Protection mode (ASPPER) protects the
ASPO[15:0], CFR1x[6, 5, 4, 2], and CFR3x[3] registers from
erase or program.
Selection Options:
0 = Persistent Protection Mode is enabled
1 = Persistent Protection Mode is disabled
Dependency: N/A
ASPO[0]
ASPPRM
Permanent Protection
Selection
N => R/1
1
Description: The ASPPRM bit selects the Permanent
Protection Mode. The Permanent Protection mode
(ASPPRM) permanently protects the PPB bits from erase or
program. ASPPRM bit should be programmed once all the
PPB based sector protections are finalized.
Note Permanent protection is independent of the PPBLOCK
bit.
Selection Options:
0 = Permanent Protection Mode is enabled
1 = Permanent Protection Mode is disabled
Dependency: N/A
Table 108
Advanced sector protection register (x1) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com