Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 166 page
background image
Datasheet
116 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.9
Memory array data integrity check CRC register (DCRV) (x1)
The Memory Array Data Integrity Check CRC Register (DCRV) stores the results of the CRC calculation on the data
contained between the specified starting and ending addresses.
5.3.10
ECC status register (ESCV) (x1)
The ECC Status Register (ESCV) contains the ECC status of any error correction action performed on the unit data
whose byte was addressed during last read.
Note Unit data is defined as the number of bytes over which the ECC is calculated. HL-T/HS-T family devices have
a 16 bytes (128 bits) unit data.
Table 104
Memory array data integrity check CRC register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
DCRV[31:0]
DTCRCV[31:0]
Memory Array Data
Integrity Check CRC
Checksum Value
V -> R
0x00000000
Description: The DTCRCV[31:0 bits store the
checksum value of the CRC process on the
memory array data contained within the
starting address and the ending address.
Selection Options: Checksum Value
Dependency: N/A
Table 105
ECC status register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
ECSV[7:5]
RESRVD
Reserved for Future Use
V -> R
000
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
ECSV[4]
ECC2BT
ECC Error 2-bit Error
Detection Flag
V -> R
0
Description: The ECC2BT bit indicates that a 2-bit ECC
Error was detected in the data unit (16 bytes). A Clear ECC
Status Register transaction (CLECC_0_0) will reset
ECC2BT.
Note ECC2BT is updated every time any memory address
is read and is sticky, i.e. once it is set, it remains set. The
ECC2BT status is maintained until a Clear ECC Status
Register transaction (CLECC_0_0) is executed.
Note ECC1BT is not valid if ECC2BT status flag is set.
Selection Options:
0 = No 2-Bit ECC Error was detected in the data unit (16
bytes)
1 = 2-bit ECC Error was detected in the data unit (16 bytes)
Dependency: CFR4x[3]
ECSV[3]
ECC1BT
ECC Error 1-bit Error
Detection and
Correction Flag
V -> R
0
Description: The ECC1BT bit indicates that a 1-bit ECC
Error was detected and corrected in the data unit (16
bytes). A Clear ECC Status Register transaction
(CLECC_0_0) will reset ECC1BT.
Note ECC1BT is updated every time any memory address
is read and is sticky, i.e. once it is set, it remains set. The
ECC1BT status is maintained until a Clear ECC Status
Register transaction (CLECC_0_0) is executed.
Selection Options:
0 = No 1-Bit ECC Error was detected in the data unit (16
bytes)
1 = 1-bit ECC Error was detected in the data unit (16 bytes)
Dependency: N/A
ECSV[2:0]
RESRVD
Reserved for Future Use
V -> R
000
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com