Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 166 page
background image
Datasheet
113 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
CFR3N[1]
CFR3V[1]
INTFTP
Interface type selection
between HYPERBUS™
and Legacy (x1) SPI
N -> R/W
V -> R/W
0
The INTFTP bit selects the interface of the device
between HYPERBUS™ and legacy (x1) SPI.
Selection Options:
1 = HYPERBUS™ interface
0 = Legacy (x1) SPI
Dependency: N/A
CFR3N[0]
CFR3V[0]
RESRVD
Reserved for Future Use
N -> R/W
V -> R/W
0
This bit is Reserved for future use. This bit must always
be written/loaded to its default state.
Table 99
Register latency code (cycles) versus frequency
Latency code
SDR SPI register transaction latency dummy cycles (1S-1S-1S)[32, 34]
Frequency[31]
RDARG_4_0[33]
RDDYB_4_0
RDPLB_0_0
RDIDN_0_0
RDSR1_0_0
RDSR2_0_0
00
50MHz
0
0
01
133MHz
1
0
10
133MHz
1
1
11
166MHz
2
2
Table 98
Configuration register 3 (x1) (Continued)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
Notes
31. SCK frequency > 166MHz SDR, is not supported.
32. RDUID_4_0 alway has 32 cycles of latency. Maximum frequency under SDR SPI is 166MHz, under HS-T SDR/DDR Octal is 200MHz and under HL-T
SDR/DDR Octal is 166MHz.
33. RDARG_4_0 uses these dummy cycles for reading Volatile registers.
34. RDCRC_4_0 alway has 8 cycles of latency. Maximum frequency under SDR SPI is 166MHz, under HS-T SDR/DDR Octal is 200MHz and under HL-T SDR/DDR
Octal is 166MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com