Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 166 page
background image
Datasheet
111 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
Table 97
Latency code (Cycles) versus frequency[27, 28, 30]
Latency code CR
Number of cycles
SDR SPI read transactions (MHz)
(1S-1S-1S)
RDAY2_C_0
RDSSR_4_0
RDARG_4_0[29]
RDECC_4_0
RDPPB_4_0
0000
0
50
0001
1
68
0010
2
81
0011
3
93
0100
4
106
0101
5
118
0110
6
131
0111
7
143
1000
8
156
1001
9
166
1010
10
166
1011
11
166
1100
12
166
1101
13
166
1110
14
166
1111
15
166
Notes
27. When using the ECC error reporting mechanisms, the read output data must be at least 2 bytes for correct ECC reporting.
28. SCK frequency > 200MHz SDR, or > 200MHz DDR is not supported by HS-T family of devices and SCK frequency > 166MHz SDR, or > 166MHz DDR is
not supported by HL-T family of devices.
29. RDARG_4_0 uses these latency cycles for reading Nonvolatile registers.
30. RSFDP_3_0 always have a dummy cycle of eight and the maximum frequencies for different interfaces related to eight dummy cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com