Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 166 page
background image
Datasheet
119 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3.14
ASP password register (PWDO) (x1)
The ASP Password Register (PWDO) is used to permanently define a password.
5.3.15
ASP PPB lock register (PPLV) (x1)
The PPBLCK bit in the ASP PPB Lock Register (PPLV) is used to protect the PPB bits.
5.3.16
ASP PPB access register (PPAV) (x1)
The ASP PPB Access Register (PPAV) is used to provide the state of each sector’s PPB protection bit.
Table 109
Password register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(hex)
Description
PWDO[63:0] PASWRD[63:0] Password Register
N => R/1
0xFFFFFFFF
FFFFFFFF
Description: The PASWRD[63:0] permanently stores a
password used in password protected modes of operation.
When the Password Protection mode is enabled, this register
will output the undefined data upon read password request.
Selection Options: Password
Dependency: N/A
Table 110
ASP PPB lock register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
PPLV[7:1]
RESVRD
Reserved for Future
Use
V -> R
0000000
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
PPLV[0]
PPBLCK
PPB Temporary
Protection Selection
V -> R/W
1, ASPO[2:1]
Description: The PPBLCK bit is used to temporarily protect
all the PPB bits.
Selection Options:
1 = PPB Bits can be erased or programmed
0 = PPB bits are protected against erase or program till the
next POR or hardware reset
Dependency: N/A
Table 111
ASP PPB access register (x1)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
PPAV[7:0]
PPBACS[7:0]
Sector Based PPB
Protection Status
N -> W/R
11111111
Description: The PPBACS[7:0] bits are used to provide the state
of the individual sector's PPB bit.
Selection Options:
FF = PPB for the sector addressed by the Read PPB transaction
(RDPPB_4_0) is 1, not protecting that sector from program or
erase operations
00 = PPB for the sector addressed by the Read PPB transaction
(RDPPB_4_0) is 0, protecting that sector from program or erase
operations
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com