Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 166 page
background image
Datasheet
106 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.3
Legacy (x1) SPI registers
5.3.1
Status register 1 (STR1x) (x1)
Status Register 1 contains both status and control bits. The functionality of supported Status Register 1 type is
described in Table 91.
Table 91
Status register 1 (x8)[25]
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
STR1N[7]
STR1V[7]
RESRVD
Reserved for Future Use
N->R
V->R
0
This bit is Reserved for future use. This bit must always be
written/loaded to its default state.
STR1V[6]
PRGERR
Programming Error
Status Flag
V -> R
0
Description: The PRGERR bit indicates program operation
success or failure. When the PRGERR bit is set to a ‘1’, it
indicates that there was an error in the last programming
operation. PRGERR bit is also set when a program operation
is attempted within a protected memory region. When
PRGERR is set, it can only be cleared with the Clear Status
Register (CLSTR_0_0) transaction or a hardware/software
reset.
Note The device will only go to standby mode once the
PRGERR flag is cleared.
Selection Options:
0 = Last programming operation was successful
1 = Last programming operation was unsuccessful
Dependency: N/A
STR1V[5]
ERSERR
Erasing Error Status
Flag
V -> R
0
Description: The ERSERR bit indicates erase operation
success or failure. When the ERSERR bit is set to a ‘1’, it
indicates that there was an error in the last erasing
operation. ERSERR bit is also set when a erase operation is
attempted within a protected memory sector. When
ERSERR is set, it can only be cleared with the Clear Status
Register (CLSTR_0_0) transaction or a hardware/software
reset.
Note The device will only go to standby mode once the
ERSERR flag is cleared.
Selection Options:
0 = Last erase operation was successful
1 = Last erase operation was unsuccessful
Dependency: N/A
STR1N[4:2]
STR1V[4:2]
RESRVD
Reserved for Future Use
N->R
V -> R
000
These bits are Reserved for future use. They must always be
written/loaded to their default state.
Note
25. STR1x value during POR, Hardware Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com