Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 166 page
background image
Datasheet
104 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.18
INT# pin configuration register (INCV) (x8)
The INT# pin Configuration Register (INCV) configures which internal event will trigger a High to Low transition
on the INT# output pin.
Table 88
InfineonEndurance Flex architecture selection register (Pointer 0) (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
EFX0[1]
GBLSEL
All Sectors based
Region type Selection
N => R/1
1
Description: The GBLSEL bit defines whether all sectors
are defined as long retention region or high endurance
region.
Note If all other Pointer registers are disabled, this bit
defines the behavior of the entire memory space and is
hardwired to start at Sector 0.
Selection Options:
0 = Long Retention Sectors
1 = High Endurance Sectors
Dependency: N/A
EFX0[0]
WRLVEN
Wear Leveling Enable
Selection
N => R/1
1
Description: The WRLVEN bit enables/disables the wear
leveling feature.
Selection Options:
0 = Wear Leveling Disabled
1 = Wear Leveling Enabled
Dependency: N/A
Table 89
Interrupt configuration register (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
INCV[15]
INTBEN
INT# pin Enable
Selection
V => R/W
1
Description: The INT# pin is an open-drain output used
to indicate to the host system that an event has
occurred within the memory device. The INTBEN bit
enables or disables the functionality controlling INT#
pin.
Selection Options:
0 = INT# pin functionality is enabled
1 = INT# pin functionality is disabled
Dependency: N/A
INCV[14]
RESRVD
Reserved for Future Use
V => R/W
11
These bits are Reserved for future use. This bit must
always be written/loaded to its default state.
INCV[13:5]
RESRVD
Reserved for Future Use
V => R/W
111111111 These bits are Reserved for future use. This bit must
always be written/loaded to its default state.
INCV[4]
REYBSY
Ready/Busy Transition
Selection
V => R/W
1
Description: The REYBSY bit enables or disables
whether device ready/busy state will transition INT#.
Selection Options:
0 = A Busy to Ready transition will cause a High to Low
transition on the INT# output
1 = Ready/Busy transitions will not transition the INT#
output
Dependency: N/A
INCV[3:2]
RESRVD
Reserved for Future Use
V => R/W
11
These bits are Reserved for future use. This bit must
always be written/loaded to its default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com