Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 133 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 133 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 166 page
background image
PPLENT_3_1
001b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
AAh
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 2AAh
55h
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
50h
-
-
-
-
-
-
-
-
-
-
-
-
CLVPPL_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
A0h
001
b
DA[1:0] ||
{[AMAX:0]
'bX}
00h
-
-
-
-
--
-
-
-
-
--
-
-
-
RDVPPL_1_1
101b
DA[1:0] ||
{[AMAX:0]
'bX}
Rd_dat
a
[15:0]
-
-
--
-
-
-
-
--
-
-
-
-
-
-
-
-
ASOEXT_1_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
F0h
-
-
-
-
-
-
-
--
-
-
-
-
--
-
-
-
DYBENT_3_1
001b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
AAh
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 2AAh
55h
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
E0h
-
--
-
-
-
-
--
-
-
-
STVDYB_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
A0h
001
b
DA[1:0] ||
Sec_addr
[AMAX:AMI
N]
00h
-
-
-
-
--
-
-
-
-
--
-
-
-
CLVDYB_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
A0h
001
b
DA[1:0] ||
Sec_addr
[AMAX:AMI
N]
01h
-
-
-
-
--
-
-
-
-
--
-
-
-
RDVDYB_1_1
101b
DA[1:0] ||
Sec_addr
[AMAX:AMI
N]
Rd_dat
a
[15:0]
-
-
--
-
-
-
-
--
-
-
-
-
-
-
-
-
PRTSTS_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
60h
101
b
DA[1:0] ||
Sec_addr
[AMAX:AMI
N]
Rd_dat
a
[15:0]
-
-
-
-
--
-
-
-
-
--
-
-
-
ASOEXT_1_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
F0h
-
-
-
-
-
-
-
--
-
-
-
-
--
-
-
-
ECCENT_3_1
001b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
AAh
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 2AAh
55h
001
b
DA[1:0] ||
{[AMAX:12]
'bX} || 555h
75h
-
-
-
-
-
-
-
-
-
-
-
-
RDECST_1_1
101b
DA[1:0] ||
RDA
[AMAX:0]
Rd_dat
a
[15:0]
-
-
--
-
-
-
-
--
-
-
-
-
-
-
-
-
RDADTL_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
60h
101
b
DA[1:0] ||
{[AMAX:2]
'bX} || {00b}
Rd_dat
a0
[15:0]
-
-
-
-
--
-
-
-
-
--
-
-
-
RDADTU_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
60h
101
b
DA[1:0] ||
{[AMAX:2]
'bX} || {01b}
Rd_dat
a0
[15:0]
-
-
-
-
--
-
-
-
-
--
-
-
-
RDCONT_2_1
001b
DA[1:0] ||
{[AMAX:0]
'bX}
60h
101
b
DA[1:0] ||
{[AMAX:2]
'bX} || {10b}
Rd_dat
a0
[15:0]
-
-
-
-
--
-
-
-
-
--
-
-
-
Table 121
HYPERBUS™ transaction cycles (Continued)
Transaction
name
Bus cycles
Bus cycles
Bus cycles
Bus cycles
Bus cycles
Bus cycles
Bus cycles
First
Second
Third
Fourth
Fifth
Sixth
Seventh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com