Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 139 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 139 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 139Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 140Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 166 page
background image
Advanced
Sector
Protectio
n
RDDYB_4_0
Read Dynamic Protection Bit transaction reads the contents
of the DYB Access Register.
-
E0
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
Figure 11
166
4
WRDYB_4_1 Write Dynamic Protection Bit transaction writes to the DYB
Access Register.
WRENB_0_0
E1
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
Input
Data1
[7:0]
Input
Data2
[7:0]
(Conti
nue)
-
Figure 8
RDPPB_4_0
Read Persistent Protection Bit transaction reads the contents
of the PPB Access Register.
-
E2
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
Figure 11
PRPPB_4_0
Program Persistent Protection Bit transaction programs /
writes the PPB Register to enable the sector protection.
WRENB_0_0
E3
(CMD)
ADDR
[31:24]
ADDR
[23:16]
ADDR
[15:8]
ADDR
[7:0]
---
-
Figure 6
ERPPB_0_0
Erase Persistent Protection Bit transaction sets all persistent
protection bits to 1.
WRENB_0_0
E4
(CMD)
-
---
-
-
-
-
Figure 5
N/A
WRPLB_0_0 Write PPB Protection Lock Bit transaction clears the PPB Lock
to 0.
WRENB_0_0
A6
(CMD)
-
---
-
-
-
-
RDPLB_0_0
Read Password Protection Mode Lock Bit transaction shifts
out the 8-bit PPB Lock Register contents with MSb first.
-
A7
(CMD)
-
---
-
-
-
-
Figure 10
PWDUL_0_1
Password Unlock transaction sends the 64-bit password to
flash device. If the supplied password does not match the
hidden password in the Password Register, the device is locked
and only a hardware reset or POR will return the device to
standby state, ready for new transactions such as a retry of the
PWDUL_0_1. If the password does match, the PPB Lock bit is
set to 1.
-
E9
(CMD)
Passwor
d [7:0]
Passwor
d [15:8]
Passwor
d [23:16]
Passwor
d [31:24]
Passw
ord
[39:32
]
Passw
ord
[47:40
]
Passw
ord
[55:48
]
Passw
ord
[63:56]
Figure 9
Reset
SRSTE_0_0
Software Reset Enable command is required immediately
before a SFRST_0_0 transaction.
-
66
(CMD)
-
---
-
-
-
-
Figure 5
SFRST_0_0
Software Reset transaction restores the device to its initial
power up state, by reloading Volatile registers from nonvolatile
default values.
SRSTE_0_0
99
(CMD)
-
---
-
-
-
-
Deep
Power
Down
ENDPD_0_0 Enter Deep Power Down Mode transaction shifts device in the
lowest power consumption mode.
-
B9
(CMD)
-
---
-
-
-
-
Table 122
SPI (1S-1S-1S) transaction table (Continued)
Function
Transaction
name
Description
Prerequisite
transaction
Byte1
(Hex)
Byte 2
(Hex)
Byte 3
(Hex)
Byte 4
(Hex)
Byte 5
(Hex)
Byte6
(Hex)
Byte7
(Hex)
Byte8
(Hex)
Byte 9
(Hex)
Transaction
format
Max
frequency
(MHz)
Address
length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com