Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 140 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 140 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 139Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 140Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 166 page
background image
Datasheet
140 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Electrical characteristics
7
Electrical characteristics
7.1
Absolute maximum ratings[62]
Storage temperature plastic packages............................................................... –65°C to +150°C
Ambient temperature with power Applied......................................................... –65°C to +125°C
VCC (HL-T)............................................................................................................... –0.5V to +4.0V
VCC (HS-T).............................................................................................................. –0.5V to +2.5V
Input voltage with respect to Ground (VSS)[60].................................................... –0.5V to VCC + 0.5V
Output short circuit current[61]........................................................................... 100mA
7.2
Operating range
Operating ranges define those limits between which the functionality of the device is guaranteed.
7.2.1
Power supply voltages
VCC / VCCQ (HL-T devices)………………………………............................... 2.7V to 3.6V
VCC / VCCQ (HS-T devices)………………………………............................... 1.7V to 2.0V
7.2.2
Temperature ranges
7.3
Thermal resistance
Table 123
Temperature ranges
Parameter
Symbol
Devices
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial / Automotive AEC-Q100 Grade 3
–40
+85
°C
Industrial Plus / Automotive AEC-Q100 Grade 2[63]
+105
Automotive AEC-Q100 Grade 1[63]
+125
Table 124
Thermal resistance
Parameter
Description
Test condition
Device
24-ball BGA
Unit
Theta JA
Thermal Resistance
(Junction to ambient)
Test conditions follow standard test methods and procedures for
measuring thermal impedance in accordance with EIA/JESD51.
With Still Air (0 m/s)
256T
35.3
°C/W
512T
34.5
01GT
37
Theta JB
Thermal Resistance
(Junction to board)
256T
19
°C/W
512T
14.5
01GT
9.7
Theta JC
Thermal Resistance
(Junction to case)
256T
11
°C/W
512T
5.4
01GT
7.5
Notes
60. See Section 7.6.1 Input signal overshoot on page 141 for allowed maximums during signal transition.
61. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
62. Stresses above those listed under Section 7.1 Absolute maximum ratings[62] on page 140 may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this datasheet is
not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
63. Industrial Plus, Automotive Grade-2 and Automotive Grade-1 operating and performance parameters will be determined by device characterization
and may vary from standard industrial or Automotive Grade-3 temperature range devices as currently shown in this specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com