Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 141 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 141 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 139Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 140Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 166 page
background image
Datasheet
141 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Electrical characteristics
7.4
Capacitance characteristics
7.5
Latchup characteristics
7.6
DC characteristics
7.6.1
Input signal overshoot
During DC conditions, input or I/O signals should remain equal to or between VSSQ and VCCQ. During voltage
transitions, inputs or I/Os may overshoot VSSQ to –1.0 V or overshoot to VCCQ +1.0 V, for periods up to 20 ns.
Figure 52
Maximum negative overshoot waveform
Figure 53
Maximum positive overshoot waveform
Table 125
Capacitance
Symbol
Parameter
Test conditions
Typ
Max
Unit
CIN
Input Capacitance (applies to CK, CS#, RESET#)
1MHz
3.0
7.50
pF
COUT
Output Capacitance (applies to All I/O)
6.50
Table 126
Latchup specification[64]
Description
Min
Max
Unit
Input voltage with respect to VSSQ on all input only connections
1.0
VCCQ + 1.0
V
Input voltage with respect to VSSQ on all I/O connections
VCCQ Current
100
+100
mA
Note
64. Excludes power supply VCC. Test conditions: VCC = 1.8V / 3.0V, one connection at a time tested, connections not being tested are at VSS.
VSSQ
VSSQ
VCCQ
VCCQ
- 1.0 V
20ns Max
VSSQ
VCCQ
VCCQ + 1.0 V
VCCQ
20ns Max
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com