Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 145 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 145 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 146Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 166 page
background image
Datasheet
145 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Timing characteristics
8
Timing characteristics
Table 129
Timing characteristics[70]
Symbol
Parameter
Min
Typ
Max
Unit
Reference
figure
HYPERBUS™
fCK
CK Clock Frequency for HYPERBUS™ mode transactions using
DS (HS-T)
0
–200
MHz
–
CK Clock Frequency for HYPERBUS™ mode transactions using
DS (HL-T)
–166
pCK
CK Clock Period
1/fCK
–
∞
ns
Figure 56
tCH
Clock High Time
45% pCK
–
55% pCK
Figure 59
tCL
Clock Low Time
–
tCS
CS# High Time (Read transactions)
7.5
–
–
Figure 62
CS# High Time (CRC ASO: including ASO entry and exit Config-
uration Register Load Program)
50
–
–
tCSS
CS# Active Setup Time (relative to CK)
4
–
–
tCSH0
CS# Active Hold Time (relative to CK in Mode 0)
4
–
–
tSU
HS-T Data Setup Time (all VCC)0.5
–
–
HL-T Data Setup Time (all VCC)0.6
–
–
tHD
HL-T Data Hold Time (all VCC)0.6
–
–
HS-T Data Hold Time (all VCC)0.5
–
–
tV[71]
Clock Low to Output Valid (15pF Loading) (HS-T)
2
–5.45
Figure 63
Clock Low to Output Valid (15pF Loading) (HL-T)
–
7.25
tCKDS
DS Valid (HS-T)
–
–
5.45
DS Valid (HL-T)
–
–
7.25
tDSS[72]
DS transition to Data Valid
0.4
–
0.4
tDSH[72]
DS transition to Data Invalid
0.4
–
0.4
tDIS[70]
CS# Inactive to Output Disable Time (HS-T)
–
–
6.00
Figure 63
CS# Inactive to Output Disable Time (HL-T)
–
–
7.50
tDSZ
CS# Inactive to DS Disable Time (HS-T)
–
–
6.00
CS# Inactive to DS Disable Time (HL-T)
–
–
7.50
tIO_SKEW[72]
Data Skew (First Data Bit to Last Data Bit)
–
–
0.4
–
SPI SDR
fCK
CK Clock Frequency
0
–
166
MHz
–
pCK
CK Clock Period
1/ fCK
–
∞
ns
Figure 56
tCH
Clock High Time
45% pCK
–55% pCK
Figure 59
tCL
Clock Low Time
45% pCK
–55% pCK
tCS
CS# High Time (Read transactions)
10
–
–
Figure 60 /
Figure 61
CS# High Time Between Transactions (aborted commands)
20
–
–
CS# High Time (Program / Erase transactions)
50
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com