Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 146 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 146 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 146Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 150Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 166 page
background image
Datasheet
146 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Timing characteristics
tCSS
CS# Active Setup Time relative to CK (fCK  50MHz / fCK >
50MHz)
5/4
–
–
ns
Figure 60
tCSH0
CS# Active Hold Time (relative to CK in Mode 0)
4
–
–
tCSH3
CS# Active Hold Time (relative to CK in Mode 3)
6
–
–
Figure 60
tSU
Data Setup Time (all VCC) (fCK 50MHz / fCK > 50MHz)
5 / 2
–
–
tHD
Data Hold Time (all VCC) (fCK 50MHz / fCK > 50MHz)
5 / 2
–
–
tV
Clock Low to Output Valid
(15pF Loading, 3.0V  3.6V, 30  Output Impedance) (HL-T)
2–
6.5
Figure 61
Clock Low to Output Valid (30pF Loading) (HS-T)
2
–
8
Clock Low to Output Valid (30pF Loading) (HL-T)
2
–
9
Clock Low to Output Valid (15pF Loading) (HS-T)
2
–
6
Clock Low to Output Valid (15pF Loading) (HL-T)
2
–
8
tHO
Output Hold Time
1.5
–
–
tDIS
Output Disable Time (HS-T)
–
–
6
Output Disable Time (HL-T)
–
–
7.50
Power Up / Power Down Timing
tPU
VCC(min) to Read operation
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
––
550 / 600
450 / 500
500 / 500
µs
Figure 47
tPD
VCC(Low) time
25
–
–
Figure 48
tVR[79]
VCC / VCCQ Power Up ramp rate
1
–
–
µs/V
Figure 49
tVF
VCC / VCCQ Power Down ramp rate
30
–
–
Figure 64
Deep Power Down Mode Timing
tENTDPD[79]
Time to Enter DPD mode
–
–
3
µs
–
tEXTDPD
Time to Exit DPD mode
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
––
520 / 570
380 / 430
430 / 430
Figure 46
tCSDPD
Chip Select Pulse Width to Exit DPD
0.02
–
3
Reset Timing[74, 75]
tRS
Reset Setup - RESET# High before CS# Low
50
–
–
ns
Figure 39
tRH
Reset Pulse Hold - RESET# Low to CS# Low
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
550 / 600
450 / 500
500 / 500
––
µs
tRP
RESET# Pulse Width
200
–
–
ns
tSR
Internal Device Reset from Software Reset Transaction
(256T / 512T / 01GT)
–
–
90 / 83 / 83
µs
–
CS# Signaling Reset Timing
tCSLW
Chip Select Low
500
–
–
ns
Figure 44
tCSHG
Chip Select High
500
–
–
tRESET
Internal device reset (HL512T / HS512T / HL01GT / HS01GT)
–
–
450 / 500 /
500 / 500
µs
tSUJ
Data in Setup Time (w.r.t CS#)
50
–
–
ns
tHDJ
Data in Hold Time (w.r.t CS#)
50
–
–
Embedded Algorithm (Erase, Program and Data Integrity Check) Performance[76, 77, 78, 79]
tW
Nonvolatile Register Write Time
–
44
357.5
ms
–
tPP
256B Page Programming (4KB Sector / 256KB Sector)
–
430 / 480
2175 / 1700
µs
–
512B Page Programming (4KB Sector / 256KB Sector)
–
680 / 570
2175 / 1700
Table 129
Timing characteristics[70] (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Reference
figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com