Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 144 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 144 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 140Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 146Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 166 page
background image
Datasheet
144 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Electrical characteristics
7.7
AC test conditions
Figure 54
Test setup
Table 128
AC measurement conditions[69]
Parameter
Min
Max
Unit
Reference Figure
Load Capacitance (CL)
–
15
pF
Figure 54
Input Pulse Voltage
0
VCCQ
V
Figure 56
CK Rise (tCRT1) and Fall (tCFT1) Slew Rates at 200MHz (HS-T)[68]
1.13
–
V/ns
Figure 59
CK Rise (tCRT2) and Fall (tCFT2) Slew Rates at 166MHz (HL-T)[68]
1.72
–
Data Rise (tDRT1) and Fall (tDFT1) Slew Rates at 200MHz (HS-T)[68]
1.13
–
Figure 56
Data Rise (tDRT2) and Fall (tDFT2) Slew Rates at 166MHz (HL-T)[68]
1.72
–
VIL(ac)
0.30 VCCQ
0.30 VCCQ
V
VIH(ac)
0.7 VCCQ
1.30 VCCQ
VOH(ac)
0.75 VCCQ
–
Figure 57 / Figure 58
VOL(ac)
–0.25 VCCQ
Input Timing Ref Voltage
0.5 VCC
Figure 56
Output Timing Ref Voltage
0.5 VCC
Figure 57 / Figure 58
Device
Under
Test
CL
Notes
68. Input slew rate measured from input pulse min to max at VCC max.
69. AC characteristics tables assume clock and data signals have the same slew rate (slope).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com