Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 148 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 148 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 146Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 150Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 151Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 166 page
background image
Datasheet
148 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Timing characteristics
8.1
Timing waveforms
8.1.1
Key to timing waveform
Figure 55
Waveform element meanings
8.1.2
Timing reference levels
Figure 56
Input timing reference levels
Figure 57
SDR output timing reference level
Figure 58
DDR output timing reference level
Valid at logic High or Low
High Impedance
Any change permitted
Logic High
Logic Low
Valid at logic High or Low
High Impedance
Changing, state unknown
Logic High
Logic Low
Input
Symbol
Output
pCK
tSU
tSU
VCCQ
VSSQ
VIH(ac)
VIL(ac)
VCCQ
VSSQ
CK
DQ[7:0]
tDRT
tDFT
Timing Reference Level
PCK
VCCQ
VSSQ
CK
tV
tV
VCCQ
VSSQ
DQ[7:0]
VOH(ac)
VOL(ac)
Timing Reference Level
PCK
DS
VOH(ac)
VOL(ac)
VCCQ
VSSQ
DQ[7:0]
tDSS
tDSH
VCCQ
VSSQ
Timing Reference Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com