Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 151 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 151 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 150Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 151Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 166 page
background image
Datasheet
151 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
9
Device identification
9.1
JEDEC SFDP Rev D header table
Table 130
JEDEC SFDP Rev D header table
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description
00h
(SA) + 00h
SFDP Header
53h
This is the entry point for Read SFDP (5Ah) command i.e., location zero within SFDP space
ASCII “S”
01h
46h
ASCII “F”
02h
(SA) + 01h
44h
ASCII “D”
03h
50h
ASCII “P”
04h
(SA) + 02h
08h
SFDP Minor Revision (08h = JEDEC JESD216 Revision D)
05h
01h
SFDP Major Revision (01h = JEDEC JESD216 Revision D)
This is the original major revision. This major revision is compatible with all SFDP reading
and parsing software.
06h
(SA) + 03h
02h
Number of Parameter Headers (zero based, 02h = 3 parameters)
07h
FFh (x1)
FAh (x8)
Booting up in SPI 1S-1S-1S (FFh)
Booting up in xSPI NOR Profile 2 HYPERBUS™, (8D, 8D, 8D) operation,
5-byte addressing for SFDP command, 8 wait states (FAh)
08h
(SA) + 04h
1st Parameter
Header
00h
Parameter ID LSB (00h = JEDEC SFDP Basic SPI flash parameter)
09h
00h
Parameter Minor Revision (00h = JEDEC JESD216 Revision D)
0Ah
(SA) + 05h
01h
Parameter Major Revision (01h = The original major revision - all SFDP software is
compatible with this major revision.
0Bh
14h
Parameter Table Length (14h = 20 DWORDs are in the Parameter table)
0Ch
(SA) + 06h
00h (x1)
80h (x8)
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
JEDEC Basic SPI flash parameter x1 byte offset = 0100h, x8 word offset = 0080h
0Dh
01h (x1)
00h (x8)
Parameter Table Pointer Byte 1
0Eh
(SA) + 07h
00h
Parameter Table Pointer Byte 2
0Fh
FFh
Parameter ID MSB (FFh = JEDEC defined legacy Parameter ID)
10h
(SA) + 08h
2nd
Parameter
Header
06h
Parameter ID LSB (JEDEC xSPI (HYPERBUS™) Profile 2.0)
11h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
12h
(SA) + 09h
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
13h
03h
Parameter Table Length (3h = 3 DWORDs are in the Parameter table)
14h
(SA) + 0Ah
50h (x1)
A8h (x8)
Parameter Table Pointer Byte 0 (DWORD = 4 byte aligned)
JEDEC xSPI Profile 2.0 = x1 byte offset = 150h, x8 word offset = 00A8h
15h
01h (x1)
00h (x8)
Parameter Table Pointer Byte 1
16h
(SA) + 0Bh
00h
Parameter Table Pointer Byte 2
17h
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
18h
(SA) + 0Ch
3rd Parameter
Header
0Ah
Parameter ID LSB (0Ah = Command Sequences to change to HYPERBUS™ (8D-8D-8D)
mode)
19h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
1Ah
(SA) + 0Dh
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
1Bh
04h
Parameter Table Length (4h = 4DWORDs are in the Parameter table)
1Ch
(SA) + 0Eh
5Ch (x1)
AEh (x8)
Parameter Table Pointer Byte 0 (DWORD = 4 byte aligned)
JEDEC Status, Control and Configuration Register Map x1 byte offset = 015Ch, x8 word
offset = 00AEh
1Dh
01h (x1)
00h (x8)
Parameter Table Pointer Byte 1
1Eh
(SA) + 0Fh
00h
Parameter Table Pointer Byte 2
1Fh
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com