Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 153 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 153 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 150Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 151Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 156Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 157Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
Datasheet
153 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
120h
(SA) + 90h
JEDEC basic flash
parameter
DWORD-9
00h
Erase type 3 not supported
121h
FFh
Erase type 3 instruction
122h
(SA) + 91h
12h
4 Size, 256KB erase instruction = Erase type size = 2^N (where N= 18) = 12h
123h
DCh
Erase type 4 instruction = DCh
124h
(SA) + 92h
JEDEC basic flash
parameter
DWORD-10
23h
Bits 31:30 = Erase type 4 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 128 ms
= 10b
Bits 29:25 = Erase type 4 Erase, Typical time count = 00101b (typ erase time = count
+1 * units = 6 * 128 ms
= 768 ms)
Bits 24:23 = Erase type 3 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 1S = 11b (RFU)
Bits 22:18 = Erase type 3 Erase, Typical time count = 11111b (RFU)
Bits 17:16 = Erase type 2 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 1S = 11b (RFU)
Bits 15:11 = Erase type 2 Erase, Typical time count = 11111b (RFU)
Bits 10:9 = Erase type 1 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 16ms = 01b
Bits 8:4 = Erase type 1 Erase, Typical time count = 00010b (typ erase time = count +1 *
units = 3 * 16 ms
= 48 ms)
Bits 3:0 = Count = (Max Erase time / (2 * Typical Erase time)) - 1 = 0011b
125h
FAh
126h
(SA) + 93h
FFh
127h
8Bh
128h
(SA) + 94h
JEDEC basic flash
parameter
DWORD-11
82h
Bits 31 = Reserved = 1b
Bits 30:29 = Chip Erase Typical time units (00b: 16 ms, 01b: 256 ms, 10b: 4 s, 11b: 64 s)
= 11b (256M, 512M, and 1G)
Bits 28:24 = Chip Erase Typical time count = 00001b (256M), 00011b (512M), and
00110b (1G)
Bits 23:19 = Byte Program Typical Time, additional byte = 11111b
Bits 18:14 = Byte Program Typical Time, first byte = 11111b
Bits 13 = Page Program Typical Time unit (0: 8 μs, 1: 64 μs) = 64 μs = 1b
Bits 12:8 = Page Program Typical Time Count = 00111 (typ Program time = count +1 *
units = 8 * 64 μs
= 512 μs)
Bits 7:4 = Page Size (256B) = 2^N bytes = 1000h
Bits 3:0 = Count = [Max page program time / (2 * Typical page program time)] - 1 =
0010b
129h
E7h
12Ah
(SA) + 95h
FFh
12Bh
E1h for 256M
E3h for 512M
E6h for 1G
12Ch
(SA) + 96h
JEDEC basic flash
parameter
DWORD-12
ECh
Bit 31 = Suspend and Resume supported = 0b
Bits 30:29 = Suspend in-progress erase max latency units (00b: 128ns, 01b: 1μs, 10b:
8μs, 11b: 64μs)
= 8 μs = 10b
Bits 28:24 = Suspend in-progress erase max latency count = 01001b, max erase
suspend latency
= count +1 * units = 10 * 8 μs = 80 μs
Bits 23:20 = Erase resume to suspend interval count = 0001b, interval = count +1 * 64
μs = 2 * 64 μs
= 128 μs
Bits 19:18 = Suspend in-progress program max latency units (00b: 128ns, 01b: 1μs,
10b: 8μs, 11b: 64μs)
= 8 μs = 10b
Bits 17:13 = Suspend in-progress program max latency count = 01001b, max program
suspend latency
= count +1 * units = 10 * 8 μs = 80 μs
Bits 12:9 = Program resume to suspend interval count = 0001b, interval = count +1 *
64 μs = 2 * 64 μs
= 128 μs
Bit 8 = Reserved = 1b
Bits 7:4 = Prohibited operations during erase suspend
= xxx0b: May not initiate a new erase anywhere (erase nesting not permitted)
+ xx1xb: May not initiate a page program in the erase suspended sector size
+ x1xxb: May not initiate a read in the erase suspended sector size
+ 1xxxb: The erase and program restrictions in bits 5:4 are sufficient
= 1110b
Bits 3:0 = Prohibited Operations During Program Suspend
= xxx0b: May not initiate a new erase anywhere (erase nesting not permitted)
+ xx0xb: May not initiate a new page program anywhere (program nesting not
permitted)
+ x1xxb: May not initiate a read in the program suspended page size
+ 1xxxb: The erase and program restrictions in bits 1:0 are sufficient
= 1100b
12Dh
23h
12Eh
(SA) + 97h
19h
12Fh
49h
130h
(SA) + 98h
JEDEC basic flash
parameter
DWORD-13
7Ah
Bits 31:24 = Erase Suspend Instruction = B0h
Bits 23:16 = Erase Resume Instruction = 7Ah
Bits 15:8 = Program Suspend Instruction = B0h
Bits 7:0 = Program Resume Instruction = 7Ah
131h
B0h
132h
(SA) + 99h
7Ah
133h
B0h
Table 131
JEDEC SFDP Rev D parameter table (Continued)
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com