Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 156 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 156 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 156Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 157Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 166 page
background image
Datasheet
156 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
9.4
Manufacturer and device ID
Table 133
Command sequences to change to profile 2.0 mode parameters
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description
15Ch
(SA) + AEh
Command
Sequences
Profile Change
DWORD 1
00h
Bits 31:24 = 01h
Bits 23:16 = 06h
Bits 15:8 = 00h
Bits 7:0 = 00h
15Dh
00h
15Eh
(SA) + AFh
06h
150Fh
01h
160h
(SA) + B0h
Command
Sequences
Profile Change
DWORD 2
00h
Bits 31:24 = 00h
Bits 23:16 = 00h
Bits 15:8 = 00h
Bits 7:0 = 00h
161h
00h
162h
(SA) + B1h
00h
163h
00h
164h
(SA) + B2h
Command
Sequences
Profile Change
DWORD 3
00h
Bits 31:24 = 05h
Bits 23:16 = 71h
Bits 15:8 = 80h
Bits 7:0 = 00h
165h
80h
166h
(SA) + B3h
71h
167h
05h
168h
(SA) + 94h
Command
Sequences
Profile Change
DWORD 4
00h
Bits 31:24 = 04h
Bits 23:16 = 0Ah
Bits 15:8 = 00h
Bits 7:0 = 00h
169h
00h
16Ah
(SA) + 95h
0Ah
16Bh
04h
Table 134
Manufacturer and device ID (x1 SPI)
Byte address[85]
Data
Description
00h
34h
CYPRESS™ Manufacturer ID
01h
00h
02h
6Ah (HL-T)
7Bh (HS-T)
Interface Voltage Type
03h
00h
04h
19h = 256Mb
1Ah = 512Mb
1Bh = 1024Mb
Device Density
05h
00h
06h
0Fh
Device ID Length
07h
00h
08h
90h
Family ID: (HL-T/HS-T Family)
09h
00h
Note
81. Legacy (x1) SPI uses Read Identification (RDIDN_0_0) transaction to read the Device ID. No address is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com