Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 152 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 152 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 148Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 149Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 150Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 151Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 156Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 166 page
background image
Datasheet
152 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
9.2
JEDEC SFDP Rev D parameter table
For the SFDP data structure, there are three independent parameter tables. Two of the tables have a fixed length
and one table has a variable structure and length depending on the device density Ordering Part Number (OPN).
The Parameter table is presented as single table in Table 131.
Table 131
JEDEC SFDP Rev D parameter table
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description
100h
(SA) + 80h
JEDEC basic flash
parameter
DWORD-1
F7h
Bits 7:5 = unused = 111b
Bit 4 = 1b
Bit 3 = Block Protect Bits are Nonvolatile / volatile Nonvolatile = 0b
Bit 2 = Program Buffer > 64Bytes = 1b
Bits 1:0 = Uniform 4KB erase is unavailable = 11b
101h
21h
Bits 15:8 = Uniform 4KB erase opcode = 21h
102h
(SA) + 81h
8Ah
Bit 23 = Unused = 1b
Bit 22 = Supports Quad Out (1-1-4) Read = No = 0b
Bit 21 = Supports Quad I/O (1-4-4) Read = No = 0b
Bit 20 = Supports Dual I/O (1-2-2) Read = No = 0b
Bit 19 = Supports DDR = Yes = 1b
Bit 18:17 = Number of Address Bytes = 3- or 4-Bytes = 01b
Bit 16 = Supports Dual Out (1-1-2) Read = No = 0b
103h
FFh
Bits 31:24 = Unused = FFh
104h
(SA) + 82h
JEDEC basic flash
parameter
DWORD-2
FFh
Density in bits, zero based, 256Mb = 0FFFFFFFh
Density in bits, zero based, 512Mb = 1FFFFFFFh
Density in bits, zero based, 1Gb = 3FFFFFFFh
105h
FFh
106h
(SA) + 83h
FFh
107h
0Fh for 256M
1Fh for 512M
3Fh for 1G
108h
(SA) + 84h
JEDEC basic flash
parameter
DWORD-3
00h
Not Supported
109h
00h
10Ah
(SA) + 85h
00h
10Bh
00h
10Ch
(SA) + 86h
JEDEC basic flash
parameter
DWORD-4
00h
Not Supported
10Dh
00h
10Eh
(SA) + 87h
00h
10Fh
00h
110h
(SA) + 88h
JEDEC basic flash
parameter
DWORD-5
EEh
Bits 7:5 RFU = 111b
Bit 4 = Not Supported = 0b
Bits 3:1 RFU = 111b
Bit 0 = 2-2-2 Not Supported = 0b
111h
FFh
Bits 15:8 = RFU = FFh
112h
(SA) + 89h
FFh
Bits 23:16 = RFU = FFh
113h
FFh
Bits 31:24 = RFU = FFh
114h
(SA) + 8Ah
JEDEC basic flash
parameter
DWORD-6
FFh
Bits 7:0 = RFU = FFh
115h
FFh
Bits 15:8 = RFU = FFh
116h
(SA) + 8Bh
00h
Not Supported
117h
00h
118h
(SA) + 8Ch
JEDEC basic flash
parameter
DWORD-7
FFh
Bits 7:0 = RFU = FFh
119h
FFh
Bits 15:8 = RFU = FFh
11Ah
(SA) + 8Dh
00h
Not Supported
11Bh
00h
11Ch
(SA) + 8Eh
JEDEC basic flash
parameter
DWORD-8
0Ch
Erase type 1 size 2^N Bytes = 2^12 Bytes = 4KB (Initial Delivery State)
11Dh
21h
Erase type 1 Instruction
11Eh
(SA) + 8Fh
00h
Erase type 2 size 2^N Bytes = Not Supported
11Fh
FFh
Erase type 2 instruction = Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com