Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 155 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 155 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 151Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 152Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 156Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 157Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 166 page
background image
Datasheet
155 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
9.3
xSPI profile 2
14Ch
(SA) + A6h
JEDEC basic flash
parameter
DWORD-20
FFh
Bits 31:28 = Maximum operation speed of device in 8D-8D-8D mode when utilizing
Data Strobe = 1000b (200MHz) / 0111b (166MHz)
Bits 27:24 = 8D-8D-8D mode without using Data Strobe is not characterized = 1110b
Bits 23:20 = 1111b
Bits 19:16 = 1111b
Bit 15:0 = Not Supported = FFFFh
14Dh
FFh
14Eh
(SA) + A7h
FFh
14Fh
8Eh HS-T
7Eh HL-T
Table 132
xSPI profile 2 parameters
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description
150h
(SA) + A8h
JEDEC xSPI
(Profile 2.0)
DWORD 1
E0h
Bit 7 = Program Suspend Supported = 1b
Bit 6 = Program Resume Supported = 1b
Bit 5 = Enter SPI (1S-1S-1S) Supported = 1b
Bit 4:0 = Reserved (00000b)
151h
FFh
Bit 15 = Deep Power Down Supported = 1b
Bit 14 = Word Program Supported = 1b
Bit 13 = Sector Erase Supported = 1b
Bit 12 = Chip Erase Supported = 1b
Bit 11 = Erase Suspend Supported = 1b
Bit 10 = Erase Resume Supported = 1b
Bit 9 = Write to Buffer Supported = 1b
Bit 8 = Program Write to Buffer Supported = 1b
152h
(SA) + A9h
FFh
Bit 23 = Memory Write Linear Supported = 1b
Bit 22 = WREN1 Supported = 1b
Bit 21 = WREN2 Supported = 1b
Bit 20 = SREN Supported = 1b
Bit 19 = Status Register Read Supported = 1b
Bit 18 = Status Register Clear Supported = 1b
Bit 17 = Configuration Register Read Supported = 1b
Bit 16 = Configuration Register Load Supported = 1b
153h
FFh
Bit 31 = xSPI Profile 2 Supported = 1b
Bit 30 = Register Read Wrap Supported = 1b
Bit 29 = Register Read Linear Supported = 1b
Bit 28 = Memory Read Wrap Supported = 1b
Bit 27 = Memory Read Linear Supported = 1b
Bit 26 = Register Write Wrap Supported = 1b
Bit 25 = Register Write Linear Supported = 1b
Bit 24 = Memory Write Wrap Supported = 1b
154h
(SA) + AAh
JEDEC xSPI
(Profile 2.0)
DWORD 2
2Ch
Bits 15:12 = Reserved = 0000b
Bits 11:7 = 200MHz 16 Dummy Cycles = 10000b
Bits 6:2 = 200MHz Configuration Bit Pattern = 01011b
Bits 1:0 = Reserved = 00b
155h
08h
156h
(SA) + ABh
00h
Bits 31:16 = Reserved = 00000000000000000b
157h
00h
158h
(SA) + ACh
JEDEC xSPI
(Profile 2.0)
DWORD 3
0Ch
Bits 31:27 = 166MHz 14 Dummy Cycles = 01110b
Bits 26:22 = 166MHz Configuration Bit Pattern = 01001b
Bits 21:17 = 133MHz 12 Dummy Cycles = 01100b
Bits 16:12 = 133MHz Configuration Bit Pattern = 00111b
Bits 11:7 = 100MHz 8 Dummy Cycles = 01000b
Bits 6:2 = 100MHz Configuration Bit Pattern = 00011b
Bits 1:0 = Reserved = 00b
159h
74h
15Ah
(SA) + ADh
58h
15Bh
72h
Table 131
JEDEC SFDP Rev D parameter table (Continued)
Byte
address
(x1 SPI)
Word address
(x8 HB)
SFDP DWORD
name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com