Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 157 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 157 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 153Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 154Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 155Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 156Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 157Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 161Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 166 page
background image
Datasheet
157 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Device identification
9.5
Unique ID
Table 135
Manufacturer and device ID (x8 HYPERBUS™)
Word address [82]
Data
Description
(SA) + 0800h
0034h
CYPRESS™ Manufacturer ID
(SA) + 0801h
006Ah (HL-T)
007Bh (HS-T
Interface Voltage Type
(SA) + 0802h
0019h = 256Mb
001Ah = 512Mb
001Bh = 1024Mb
Device Density
(SA) + 0803h
000Fh
Device ID Length
(SA) + 0804h
0090h
Family ID: (HL-T/HS-T Family)
Note
82. Address based Instructions - Access Die 1.
Table 136
Unique ID [83]
Byte address (x1 SPI) [84]
Word address (x8 HB) [85]
Data
00h
(SA) + 0200h
Device Dependent
01h
02h
(SA) + 0201h
03h
04h
(SA) + 0202h
05h
06h
(SA) + 0203h
07h
Notes
83. Actual Unique ID is device dependent.
84. Legacy (x1) SPI uses Read Unique ID (RDUID_0_0) transaction to read the Unique ID. No address is required.
85. Address based Instructions - Access Die 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com