Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 161 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 161 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 157Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 161Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 162Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 163Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 164Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 165Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 166 page
background image
Datasheet
161 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Ordering information
11.1
Valid combinations — standard grade
Table 137 lists configurations planned to be supported in volume for this device. Contact your local sales office
to confirm availability of specific valid combinations and to check on newly released combinations.
Table 137
Valid combinations — standard
Base ordering
part number
Speed option Package and
materials
Temperature
range
Model
number
Packing type Ordering part number
(x = packing type)
Package marking
S26HL512T
FP
BH
I, V
00
0, 3
S26HL512TFPBHI00x
26HL512TPI00
S26HL512TFPBHV00x
26HL512TPV00
I, V
01
0, 3
S26HL512TFPBHI01x
26HL512TPI01
S26HL512TFPBHV01x
26HL512TPV01
S26HL01GT
FP
BH
I, V
02
0, 3
S26HL01GTFPBHI02x
26HL01GTPI02
S26HL01GTFPBHV02x
26HL01GTPV02
I, V
03
0, 3
S26HL01GTFPBHI03x
26HL01GTPI03
S26HL01GTFPBHV03x
26HL01GTPV03
S26HS512T
GA
BH
I, V
00
0, 3
S26HS512TGABHI00x
26HS512TAI00
S26HS512TGABHV00x
26HS512TAV00
I, V
01
0, 3
S26HS512TGABHI01x
26HS512TAI01
S26HS512TGABHV01x
26HS512TAV01
S26HS01GT
FP
BH
I, V
02
0, 3
S26HS01GTFPBHI02x
26HS01GTPI02
S26HS01GTFPBHV02x
26HS01GTPV02
I, V
03
0, 3
S26HS01GTFPBHI03x
26HS01GTPI03
S26HS01GTFPBHV03x
26HS01GTPV03
S26HS01GT
GA
BH
I, V
02
0, 3
S26HS01GTGABHI02x
26HS01GTAI02
S26HS01GTGABHV02x
26HS01GTAV02
I, V
03
0, 3
S26HS01GTGABHI03x
26HS01GTAI03
S26HS01GTGABHV03x
26HS01GTAV03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com