Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 164 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 164 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 161Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 162Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 163Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 164Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 165Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 166Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 164 / 166 page
background image
Datasheet
164 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Revision history
*K
2018-09-24
Updated AC / DC / Embedded operation specifications.
Updated SFDP.
Added a note in Status Register, Status Register 1, and Status Register 2 tables.
Updated Performance Summary.
Updated CFR1x[11] bit description.
Updated SPI (1S-1S-1S) Transaction table.
Updated OTP Programming conditions.
*L
2018-10-03
Updated SPI 1S-1S-1S transaction WRARG_4_1 to WRARG_C_1.
Updated SPI 1S-1S-1S transaction RDAY2_4_0 to RDAY2_C_0.
Updated RSTO# signal description.
*M
2018-11-21
Added 256Mb density related information.
*N
2018-12-17
Updated tV min and tHO min.
Added 3-byte read any register transaction.
Clarified latency information upon configuration corruption and NV configuration register erase operation.
*O
2019-02-05
Added clarification in EXIT DPD Mode section.
Updated Copyright information in Sales page.
*P
2019-07-03
Finalizing document for S26HS512T and S26HL512T devices description.
*Q
2019-09-13
Updated Transaction Table.
Updated Ordering Information.
*R
2019-12-20
Finalizing document for S26HS01GT devices.
Note: The characterization of 125C, 200MHz, S26HS01GT devices is in progress and this document will be updated
accordingly upon characterization completion.
Updated Figure 16.
Added Figure 25.
Updated Table 3.
Table 7. Device ID, Table 10. JEDEC SFDP Rev D Header Table (Product Information Notification),
Table 11. JEDEC SFDP Rev D Parameter Table (Product Information Notification),
Table 14. JEDEC SFDP Rev D, Sector Map Parameter Table (Product Information Notification), Table 39, Table 40,
Table 127, Table 129, Table 137, and Table 138.
Corrected typos in Table 67, Table 73, Table 93, Table 98, and Table 107.
*S
2020-01-29
Updated Sales information and Copyright year.
Finalizing document for S26HL01GT devices.
*T
2020-03-23
Updated Table 127 based on Final Characterization results.
*U
2020-04-22
Updated Table 10, Table 105, and Table 122.
Updated Table 11. JEDEC SFDP Rev D Parameter Table,
Table 14. JEDEC SFDP Rev D, Sector Map Parameter Table, and
Table 16. Command Sequences to Change to Profile 2.0 Mode Parameters (Product Information Notification).
*V
2020-12-01
Updated Byte Address, Word Address, DWORD name, Data, and Description in Table 11.
Removed Sector Map Parameter section.
Updated Byte Address and Word Address in Table 13.
Updated Byte Address and Word Address in Table 14.
Renamed PRNPOR_4_0 to RDNPOR_4_0 in Table 45.
Updated PRNPOR_4_0 to Program POR Time Register in Table 52.
Added note in Table 72.
Updated description and note for ASPO[2] in Table 75.
Added POR time register (PORT) (x8) section.
Updated description for CFR3N[7:6], CFR3V[7:6] and added reference in Table 98.
Updated description for ASPO[2] in Table 108.
Updated Input Timing Ref Voltage and Output Timing Ref Voltage to 0.5 VCC in Table 128.
Updated Figure 56, Figure 57, and Figure 58 in Timing reference levels.
*W
2021-08-10
Updated DC table.
Rev.
Submission
date
Description of change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com