Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 162 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 162 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 161Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 162Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 163Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 164Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 165Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 166Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 162 / 166 page
background image
Datasheet
162 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Ordering information
11.2
Valid combinations — automotive grade / AEC-Q100
Table 138 lists configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in
volume. The table will be updated as new combinations are released. Contact your local sales representative to
confirm availability of specific combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade
products in combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full
compliance with ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require
ISO/TS-16949 compliance.
Table 138
Valid combinations — automotive grade / AEC-Q100[87]
Base ordering
part number
Speed option Package and
materials
Temperature
range
Model
number
Packing type
Ordering part number
(x = packing type)
Package marking
S26HL512T
FP
BH
A, B, M
00
0, 3
S26HL512TFPBHA00x
26HL512TPA00
S26HL512TFPBHB00x
26HL512TPB00
S26HL512TFPBHM00x
26HL512TPM00
A, B, M
01
0, 3
S26HL512TFPBHA01x
26HL512TPA01
S26HL512TFPBHB01x
26HL512TPB01
S26HL512TFPBHM01x
26HL512TPM01
S26HS512T
GA
BH
A, B, M
00
0, 3
S26HS512TGABHA00x
26HS512TAA00
S26HS512TGABHB00x
26HS512TAB00
S26HS512TGABHM00x
26HS512TAM00
A, B, M
01
0, 3
S26HS512TGABHA01x
26HS512TAA01
S26HS512TGABHB01x
26HS512TAB01
S26HS512TGABHM01x
26HS512TAM01
S26HL01GT
FP
BH
A, B, M
02
0, 3
S26HL01GTFPBHA02x
26HL01GTPA02
S26HL01GTFPBHB02x
26HL01GTPB02
S26HL01GTFPBHM02x
26HL01GTPM02
A, B, M
03
0, 3
S26HL01GTFPBHA03x
26HL01GTPA03
S26HL01GTFPBHB03x
26HL01GTPB03
S26HL01GTFPBHM03x
26HL01GTPM03
S26HS01GT
FP
BH
A, B, M
02
0, 3
S26HS01GTFPBHA02x
26HS01GTPA02
S26HS01GTFPBHB02x
26HS01GTPB02
S26HS01GTFPBHM02x
26HS01GTPM02
A, B, M
03
0, 3
S26HS01GTFPBHA03x
26HS01GTPA03
S26HS01GTFPBHB03x
26HS01GTPB03
S26HS01GTFPBHM03x
26HS01GTPM03
S26HS01GT
GA
BH
A, B, M
02
0, 3
S26HS01GTGABHA02x
26HS01GTAA02
S26HS01GTGABHB02x
26HS01GTAB02
S26HS01GTGABHM02x[87]
26HS01GTAM02
A, B, M
03
0, 3
S26HS01GTGABHA03x
26HS01GTAA03
S26HS01GTGABHB03x
26HS01GTAB03
S26HS01GTGABHM03x[87]
26HS01GTAM03
Note
87. The characterization of 125°C, 200MHz, S26HS01GT devices is in progress. Contact your local sales office to confirm availability of these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com