Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 163 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 163 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 158Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 159Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 160Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 161Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 162Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 163Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 164Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 165Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 166Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 163 / 166 page
background image
Datasheet
163 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Revision history
Revision history
Rev.
Submission
date
Description of change
**
2015-04-27
Initial release.
*A
2015-06-12
Restructured datasheet.
Updated Features on page 1: Added SPI SDR (1-1-1).
Added Figure 1, Logic Block Diagram on page 4.
Updated Figure 4, Wear Leveling Sector Pool 4KB Parameter Sector Top or
Bottom on page 10.
Updated Table 4, Maximum Operating Frequency for Latency Code Options
on page 17.
Updated Table 19, Volatile Configuration Registers on page 40.
Table 23, VCR1 and NVCR1 Configuration Register Bit Assignments
on page 43: changed xVCR1[2] to Reserved.
Updated Table 29, SEC Register Bit Assignments on page 48.
Table 32, ECC Bit Assignments on page 56: removed EECC,
EECCD, ECCDI.
Updated Table 47, Command Definitions on page 72: Added Note.
Updated Table 64, Valid Combinations — Forecast on page 101.
Updated Copyright and Disclaimer.
*B
2016-12-21
Removed MCPs.
Added Channel / Bus CRC.
Updated Sales Page and Disclaimer.
*C
2017-03-27
Updated AC/DC Parameters
*D
2017-06-13
Added SPI mode.
Updated INT# behavior based on SMC.
Updated DS behavior based on SMC.
Updated AC parameters based on the new Vih/Vil methodology (xSPI JEDEC).
Updated CYPRESS logo, Sales page, and Copyright information.
*E
2017-08-22
Added (section 2.7).
Changed tCSHI to 6 ns (minimum).
Added Reset, ASO Exit, Status Register Read and Status register Clear commands are globally applicable in all
ASOs (section 18.1).
Added Data out during a Register Read transaction is only valid during the first word output by the device.
Subsequent data values output if CK/CK# continue to toggle while CS# remains Low are undefined (section 5.2).
Added Deep Power Down Upon POR is enabled, CS# must be maintained High during power-up.
Updated Exit from DPD waveform (section 21.7.1).
Added Wrap feature is not available in AutoBoot mode when Reading from the memory array (section 18.1).
Added Interface CRC register Read tCSHI to 20 ns (section 22.2.3).
*F
2017-10-31
Updated Part Numbers.
Updated AC/DC parameters.
Updated Section “16. Device ID, Common Flash Interface and Serial Flash Discoverable Parameters (ID-SFDP) ASO
Map“.
Updated Test Specification table.
Updated Figure 35. Input/Output Waveforms and Measurement Levels.
*G
2018-02-08
Changes per EROS Rev *G.
*H
2018-04-06
Updated template.
*I
2019-05-08
Preliminary datasheet
*J
2018-07-10
Updated Timing parameters.
Updated SafeBoot.
Updated Interface CRC.
*K
2018-09-24
Updated to Infineon template.
Clarification on 4KB Sector endurance cycles.
Removed Status and Configuration register protection password protection scheme.
Included Data Integrity Check Abort recovery flow.
Updated SafeBoot flow.
Included a clarification on Status Register and INT# value during resets.
Included example for 64-byte wrapped burst address sequence for 20 cycles latency.
Updated default latency to 16 cycles.
Included 1G Thermal resistance values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com