Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM03 Datasheet(PDF) 143 Page - Infineon Technologies AG

Part # 26HS01GTAM03
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM03 Datasheet(HTML) 143 Page - Infineon Technologies AG

Back Button 26HS01GTAM03 Datasheet HTML 139Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 140Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 141Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 142Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 143Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 144Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 145Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 146Page - Infineon Technologies AG 26HS01GTAM03 Datasheet HTML 147Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 166 page
background image
Datasheet
143 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Electrical characteristics
ISB
Standby Current
(HS256T / HS512T / HS01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
–
11
160 / 113 /
160
µA
–
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
105°C
–
320 / 188 /
320
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
125°C
–
650 / 340 /
650
Standby Current
(HL256T / HL512T / HL01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
–
14
160 / 126 /
160
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
105°C
–
320 / 188 /
320
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
125°C
–
490 / 340 /
490
IDPD
DPD Current
(HS256T / HS512T / HS01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
–
1.3
24 / 18 / 24
µA
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
105°C
–
26 / 18 / 26
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
125°C
–
80 / 31 / 80
DPD Current
(HL256T / HL512T / HL01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
–
2.2
26 / 18 / 26
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
105°C
–
26 / 18 / 26
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ,
125°C
–
52 / 31 / 52
IPOR
POR Current
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ
–
–
80
mA
Power Up / Power Down Voltage
VCC (min)
VCC (minimum operation
voltage, HL-T)
–2.7
–
–
V
Figure 47 /
Figure 48
VCC (minimum operation
voltage, HS-T)
–1.7
–
–
VCC (cut-off)
VCC (cut off where re-initial-
ization is needed, HL-T)
–2.4
–
–
Figure 48
VCC (cut off where re-initial-
ization is needed, HS-T)
–1.55
–
–
VCC (Low)
VCC (low voltage for initialization
to occur, HL-T)
–0.7
–
–
VCC (Low voltage for initialization
to occur, HS-T)
–0.7
–
–
Table 127
DC characteristics[65, 66] (Continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Reference
Figure
Notes
65. Typical values are at TAI = 25 °C and VCC = 1.8V/3.0V.
66. The recommended pull-up resistor for the INT# outputs is 5kto 10k.
67. Outputs unconnected during read data return. Output switching current is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com